Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9281ACPRO Datasheet(PDF) 1 Page - ESS Technology,Inc

Part # ES9281ACPRO
Description  High performance USB DAC with Headphone Amplifier,MQA, ADC, PLL, Jack Detect, Mic, and A/D Mixing
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9281ACPRO Datasheet(HTML) 1 Page - ESS Technology,Inc

  ES9281ACPRO Datasheet HTML 1Page - ESS Technology,Inc ES9281ACPRO Datasheet HTML 2Page - ESS Technology,Inc ES9281ACPRO Datasheet HTML 3Page - ESS Technology,Inc ES9281ACPRO Datasheet HTML 4Page - ESS Technology,Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Analog Reinvented
ES9281A/80A PRO
High performance USB DAC with Headphone Amplifier,
MQA, ADC, PLL, Jack Detect, Mic, and A/D Mixing
Product Brief
s
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-
8800 • WWW.ESSTECH.COM
Patented 32-bit HyperStream® II QUAD DAC™
Architecture
SABRE32® technology
32-bit mobile audio DAC/HPA with high dynamic range & ultra-low distortion
+130dB SNR, +122dBA DNR
-112dB THD+N, 2.0Vrms into 100k
-110dB THD+N, 1.0Vrms into 32
Supports synchronous and asynchronous sampling modes
Experience Sabre32® technology all the way to headphones
Hardware MQA Renderer (*ES9281A PRO only)
Automatic stream lock to unfold decoded MQA stream
Easily paired with software MQA core decoder
Eliminates the need for complicated DAC filter tuning
Analog PLL
Simplifies clocking requirements and reduces PCB size and BOM cost
64-bit accumulator & 32-bit processing
Distortion free signal processing
Versatile digital audio input port
Supports master/slave PCM (I2S, LJ 16-32-bit), DSD, DoP, SPDIF and MQA formats.
Customizable filter characteristics
3 preset filters, programmable filter coefficients for custom sound signature
2 audio signal processors for custom filter architectures and analog/digital mixing
Integrated ADCs for analog/digital mixing
102dBA DNR, -88dB THD+N 1Vrms
2 stereo PDM inputs, 1 differential analog input, 2 single-ended analog inputs
Mix mode for side-tone and sound overlay on digital audio
Integrated low noise DAC reference regulator
Programmable voltage, reduced BOM cost and improved DNR
Jack Detect with moisture protection
Dual pin jack detect can wake the ES9281A/80A PRO automatically and prevent false
positives
Programmable analog gain
Lower noise gain at real-life listening levels
Eliminates external thin film resistors, reduces PCB size and BOM cost
USB/I2S/DSD Bridge Mode
16 Channel I2S Bridge supports up to 8 input and 8 output channels simultaneously, including
native DSD support
Patented Time Domain Jitter Eliminator
Unmatched audio clarity free from input clock jitter
FEATURE
DESCRIPTION
s
The ES9281A/80A PRO is a feature-rich 32-bit, 2-channel USB audio D/A converter with headphone amplifier, PLL, Jack Detect, ADC and support
for both analog and digital mics, and analog/digital mixing. It has been designed for professional applications (mixer consoles, digital audio
workstations), audiophile-grade portable applications (headphones, headphone adapters and digital music players), and consumer applications
(USB DACs and A/V receivers). Using the critically acclaimed ESS patented HyperStream® II QUAD DAC™ architecture and Time Domain Jitter
Eliminator, and advanced SABRE32® technology, the ES9281A/80A PRO delivers a performance level that will satisfy the most demanding audio
enthusiast.
The versatile audio input port accepts PCM, DSD, DoP, SPDIF and MQA* formats. The integrated SABRE DAC supports up to 32-bit 384kHz
PCM, 96k SPDIF and DSD1024 audio data via master/slave interface in synchronous and asynchronous sampling modes. The ES9281A/80A
PRO is a licensed and standard-compliant MQA native hardware renderer. PCM Audio rates up to 768kHz are supported for USB-to-I2S mode
and Native DSD is also supported over USB up to DSD512.
The integrated class-G SABRE Headphone Amp supports up to 2Vrms output. Programmable analog gain and integrated low-noise DAC
reference regulator minimize noise gain at typical listening levels and reduce PCB area and BOM cost.
The Jack Detect feature automatically wakes the device, accurately measures load impedance and prevents false positives due to moisture
infiltration without any support from the application processor.
Aux Mix mode allows analog signals to be seamlessly overlaid onto digital audio even during DSD, DoP or MQA* playback.
ES9281A/80A PRO may be customized for any application with firmware-controlled behavior and both volatile and non-volatile memory options.


Similar Part No. - ES9281ACPRO

ManufacturerPart #DatasheetDescription
logo
ESS Technology,Inc
ES9218P ESS-ES9218P Datasheet
2Mb / 101P
32-bit Stereo Low Power DAC with Headphone Amplifier, Analog Volume Control, and Output Switch
ES9218PC ESS-ES9218PC Datasheet
2Mb / 101P
32-bit Stereo Low Power DAC with Headphone Amplifier, Analog Volume Control, and Output Switch
ES9218PQ ESS-ES9218PQ Datasheet
2Mb / 101P
32-bit Stereo Low Power DAC with Headphone Amplifier, Analog Volume Control, and Output Switch
ES9219 ESS-ES9219 Datasheet
1Mb / 67P
32-bit Stereo Low Power DAC with Headphone Amplifier, Analog Volume Control, and Output Switch
February 27, 2020
ES9219C ESS-ES9219C Datasheet
1Mb / 67P
32-bit Stereo Low Power DAC with Headphone Amplifier, Analog Volume Control, and Output Switch
February 27, 2020
More results

Similar Description - ES9281ACPRO

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5702 AKM-AK5702 Datasheet
967Kb / 76P
4-Channel ADC with PLL & MIC-AMP
AKD4370-B AKM-AKD4370-B Datasheet
850Kb / 30P
24bit DAC with Headphone Amplifier
AKD4371-B AKM-AKD4371-B Datasheet
943Kb / 33P
24bit DAC with Headphone Amplifier
logo
Renesas Technology Corp
M65856SP RENESAS-M65856SP Datasheet
295Kb / 19P
Digital Echo with Mic-mixing Circuit
logo
Analog Devices
AD1938 AD-AD1938_17 Datasheet
547Kb / 33P
4 ADC/8 DAC with PLL
Rev. E
AD1939 AD-AD1939_17 Datasheet
552Kb / 33P
4 ADC/8 DAC with PLL
Rev. E
ADAU1328 AD-ADAU1328_17 Datasheet
395Kb / 33P
2 ADC/8 DAC with PLL
Rev. B
logo
Princeton Technology Co...
PT2392 PTC-PT2392 Datasheet
268Kb / 5P
Digital Echo with MIC Mixing Amp
logo
ESS Technology,Inc
ES9068A ESS-ES9068A Datasheet
273Kb / 3P
High performance DAC with MQA, PLL, Differential ADC,and Audio Mixing
March 31, 2021
ES9270 ESS-ES9270 Datasheet
290Kb / 3P
High performance USB DAC with Headphone Amplifier ADC, PLL, Jack Detect, Mic, and A/D Mixing
December 23, 2019
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com