Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4097 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # 2SC4097
Description  SOT-323 Plastic-Encapsulate Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

2SC4097 Datasheet(HTML) 2 Page - Nanjing International Group Co

  2SC4097 Datasheet HTML 1Page - Nanjing International Group Co 2SC4097 Datasheet HTML 2Page - Nanjing International Group Co 2SC4097 Datasheet HTML 3Page - Nanjing International Group Co 2SC4097 Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
0.1
1
10
1
10
100
1
10
100
10
100
1000
0.01
0.1
0
100
200
300
400
0
25
50
75
100
125
150
0
50
100
150
200
250
03
69
0
2
4
6
8
10
12
0.1
1
10
100
200
400
600
800
1000
1
10
100
0
100
200
300
400
C
ob
C
ib
f=1MHz
I
E
=0 / I
C
=0
T
a
=25℃
V
CB
/ V
EB
C
ob
/ C
ib
——
REVERSE BIAS VOLTAGE
V
(V)
20
COLLECTOR CURRENT
I
C
(mA)
V
CE
=5V
T
a
=25℃
I
C
f
T
——
I
C
h
FE
——
COLLECTOR CURRENT
I
C
(A)
T
a
=25℃
T
a
=100℃
COMMON EMITTER
V
CE
= 3V
0.5
AMBIENT TEMPERATURE
T
a
(
)
℃
P
C
——
T
a
40uA
50uA
45uA
35uA
30uA
25uA
20uA
15uA
COLLECTOR-EMITTER VOLTAGE
V
CE
(V)
Static Characteristic
10uA
I
B
=5uA
COMMON
EMITTER
T
a
=25℃
COLLECTOR CURRENT
I
C
(mA)
T
a
=25℃
T
a
=100℃
β=10
I
C
V
BEsat
——
500
β=10
COLLECTOR CURRENT
I
C
(mA)
T
a
=100℃
T
a
=25℃
V
CEsat
——
I
C
500
Typical Characteristics
Dongguan Nanjing Electronics Ltd.
www.dgnjdz.com
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com