Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1616A Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # 2SD1616A
Description  TO-92 Plastic-Encapsulate Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

2SD1616A Datasheet(HTML) 2 Page - Nanjing International Group Co

  2SD1616A Datasheet HTML 1Page - Nanjing International Group Co 2SD1616A Datasheet HTML 2Page - Nanjing International Group Co 2SD1616A Datasheet HTML 3Page - Nanjing International Group Co 2SD1616A Datasheet HTML 4Page - Nanjing International Group Co 2SD1616A Datasheet HTML 5Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
(/(&75,&$/&+$5$&7(5,67,&6
a
T =25
unless otherwise specified
Pa
rameter
Symbol
Test c onditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC= 10μA , IE=0
120
V
Collector-emitter breakdown voltage
V(BR)CEO
IC= 2mA , IB=0
60
V
Emitter-base breakdown voltage
V(BR)EBO
IE= 10μA, IC=0
6
V
Collector cut-off current
ICBO
VCB=60V, IE=0
0.1
μA
Emitter cut-off current
IEBO
VEB=6V, IC=0
0.1
μA
hFE1
VCE=2 V, IC= 100mA
135
600
DC current gain
hFE2
VCE=2 V, IC= 1A
81
Collector-emitter saturation voltage *
VCE(sat)
IC= 1A, IB=50mA
0.3
V
Base-emitter saturation voltage *
VBE(sat)
IC= 1A, IB=50mA
1.2
V
Base-emitter voltage *
VBE
VCE= 2V, IC=50mA
0.6
0.7
V
Transition frequency
fT
VCE=2 V, IC= 100mA
100
MHz
Output capacitance
Cob
VCB=10 V,IE= 0, f=1MHz
19
pF
Turn on time
ton
0.07
μs
Storage time
tS
0.95
μs
Fall time
tF
Vcc=10V, IC=100mA,
IB1=-IB2=10mA
0.07
μs
*pulse test: PW≤350µS, δ≤2%.
CLASSIFICA TION OF hFE1
Rank L
K
U
Range
135-270
200-400
300-600
Dongguan Nanjing Electronics Ltd.
www.dgnjdz.com
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com