Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD2012 Datasheet(PDF) 3 Page - Nanjing International Group Co

Part # 2SD2012
Description  TO-220-3L Plastic-Encapsulate Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

2SD2012 Datasheet(HTML) 3 Page - Nanjing International Group Co

  2SD2012 Datasheet HTML 1Page - Nanjing International Group Co 2SD2012 Datasheet HTML 2Page - Nanjing International Group Co 2SD2012 Datasheet HTML 3Page - Nanjing International Group Co 2SD2012 Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Typical Characteristics
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1
10
100
1000
100
1
10
100
0
25
50
75
100
125
150
0
500
1000
1500
2000
2500
1
10
100
1000
100
1000
0.1
1
10
1
10
100
1000
1
10
100
1000
10
100
1000
012
3456
0
100
200
300
400
500
600
700
800
1
10
100
1000
1
10
100
1000
V
CE=5V
BASE-EMMITER VOLTAGE V
BE
(V)
I
C
V
BE
——
Ta=100℃
Ta=25℃
I
C
f
T
——
COLLECTOR CURRENT I
C
(mA)
V
CE=5V
Ta=25℃
AMBIENT TEMPERATURE T
a
( )
℃
P
C
——
T
a
COLLECTOR CURRENT I
C
(mA)
I
C
V
BEsat
——
β
=10
Ta=100℃
Ta=25℃
2000
3000
500
20
Cob
Cib
REVERSE VOLTAGE V (V)
V
CB
/ V
EB
C
ob
/ C
ib
——
f=1MHz
I
E=0/IC=0
Ta=25℃
20
COLLECTOR CURRENT I
C
(mA)
Ta=100℃
Ta=25℃
V
CE=5V
I
C
h
FE
——
3000
5mA
4.5mA
4mA
3.5mA
3mA
2.5mA
2mA
1.5mA
1mA
I
B=0.5mA
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
Static Characteristic
COMMON
EMITTER
Ta=25℃
3000
β
=10
Ta=100℃
Ta=25℃
COLLECTOR CURRENT I
C
(mA)
I
C
V
CEsat
——
3000
3/4
Dongguan Nanjing Electronics Ltd.
www.dgnjdz.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com