Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD2152 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # 2SD2152
Description  TO-92 Plastic-Encapsulate Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

2SD2152 Datasheet(HTML) 2 Page - Nanjing International Group Co

  2SD2152 Datasheet HTML 1Page - Nanjing International Group Co 2SD2152 Datasheet HTML 2Page - Nanjing International Group Co 2SD2152 Datasheet HTML 3Page - Nanjing International Group Co 2SD2152 Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
(/(&75,&$/&+$5$&7(5,67,&6
a
T =25
unless otherwise specified
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC= 0.05mA,IE=0
22
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=1mA,IB=0
22
V
Emitter-base breakdown voltage
V(BR)EBO
IE=0.01mA,IC=0
6
V
Collector cut-off current
ICBO
VCB=20V,IE=0
0.1
μA
Emitter cut-off current
IEBO
VEB=5V,IC=0
0.1
μA
hFE(1)
VCE=2V, IC=0.15mA
130
hFE(2)
VCE=2V, IC=100mA
180
950
DC current gain
hFE(3)
VCE=2V, IC=500mA
180
Collector-emitter saturation voltage
VCE(sat)
IC=2000mA,IB=100mA
0.4
V
Transition frequency
fT
VCE=6V,IC=50mA, f=30MHz
150
MHz
CLASSIFICATION OF hFE
RANK
Q
R
S
T
RANGE
180-290
270-380
340-560
560-950
Dongguan Nanjing Electronics Ltd.
www.dgnjdz.com
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com