Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC74ACT05DR2 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC74ACT05DR2
Description  Hex Inverter with Open?묭rain Outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74ACT05DR2 Datasheet(HTML) 2 Page - ON Semiconductor

  MC74ACT05DR2 Datasheet HTML 1Page - ON Semiconductor MC74ACT05DR2 Datasheet HTML 2Page - ON Semiconductor MC74ACT05DR2 Datasheet HTML 3Page - ON Semiconductor MC74ACT05DR2 Datasheet HTML 4Page - ON Semiconductor MC74ACT05DR2 Datasheet HTML 5Page - ON Semiconductor MC74ACT05DR2 Datasheet HTML 6Page - ON Semiconductor MC74ACT05DR2 Datasheet HTML 7Page - ON Semiconductor MC74ACT05DR2 Datasheet HTML 8Page - ON Semiconductor MC74ACT05DR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MC74AC05, MC74ACT05
http://onsemi.com
2
MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage (Referenced to GND)
−0.5 to +7.0
V
Vin
DC Input Voltage (Referenced to GND)
−0.5 to VCC + 0.5
V
Vout
DC Output Voltage (Referenced to GND)
−0.5 to VCC + 0.5
V
Iin
DC Input Current, per Pin
± 20
mA
Iout
DC Output Sink/Source Current, per Pin
± 50
mA
ICC
DC VCC or GND Current per Output Pin
± 50
mA
Tstg
Storage Temperature
−65 to +150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Typ
Min
Unit
VCC
Supply Voltage
′AC
2.0
5.0
6.0
V
′ACT
4.5
5.0
5.5
VREG
DC Regulated Power Voltage (Ref. to GND)
0
−
VCC
V
tr, tf
Input Rise and Fall Time (Note 1)
′AC Devices except Schmitt Inputs
VCC @ 3.0 V
−
150
−
VCC @ 4.5 V
−
40
−
ns/V
VCC @ 5.5 V
−
25
−
tr, tf
Input Rise and Fall Time (Note 2)
′ACT Devices except Schmitt Inputs
VCC @ 4.5 V
−
10
−
ns/V
VCC @ 5.5 V
−
8.0
−
TJ
Junction Temperature (PDIP)
−
−
140
°C
TA
Operating Ambient Temperature Range
−40
25
85
°C
IOH
Output Current − HIGH
−
−
−24
mA
IOL
Output Current − LOW
−
−
24
mA
1. Vin from 30% to 70% VCC; see individual Data Sheets for devices that differ from the typical input rise and fall times.
2. Vin from 0.8 V to 2.0 V; see individual Data Sheets for devices that differ from the typical input rise and fall times.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com