Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT08 Datasheet(PDF) 1 Page - ON Semiconductor

Part # 74ACT08
Description  Quad 2?묲nput AND Gate
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74ACT08 Datasheet(HTML) 1 Page - ON Semiconductor

  74ACT08 Datasheet HTML 1Page - ON Semiconductor 74ACT08 Datasheet HTML 2Page - ON Semiconductor 74ACT08 Datasheet HTML 3Page - ON Semiconductor 74ACT08 Datasheet HTML 4Page - ON Semiconductor 74ACT08 Datasheet HTML 5Page - ON Semiconductor 74ACT08 Datasheet HTML 6Page - ON Semiconductor 74ACT08 Datasheet HTML 7Page - ON Semiconductor 74ACT08 Datasheet HTML 8Page - ON Semiconductor 74ACT08 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2006
October, 2006 − Rev. 8
1
Publication Order Number:
MC74AC08/D
MC74AC08, MC74ACT08
Quad 2−Input AND Gate
Features
• Outputs Source/Sink 24 mA
• ′ACT08 Has TTL Compatible Inputs
• Pb−Free Packages are Available
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
DC Supply Voltage (Referenced to GND)
VCC
−0.5 to
+7.0
V
DC Input Voltage (Referenced to GND)
Vin
−0.5 to
VCC +0.5
V
DC Output Voltage (Referenced to GND)
Vout
−0.5 to
VCC +0.5
V
DC Input Current, per Pin
Iin
±20
mA
DC Output Sink/Source Current, per Pin
Iout
±50
mA
DC VCC or GND Current per Output Pin
ICC
±50
mA
Storage Temperature
Tstg
−65 to
+150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
13
14
12
11
10
9
8
2
1
34567
GND
VCC
Figure 1. Pinout: 14−Lead Packages Conductors
(Top View)
TSSOP−14
DT SUFFIX
CASE 948G
1
14
SOEIAJ−14
M SUFFIX
CASE 965
1
14
SO−14
D SUFFIX
CASE 751A
1
14
1
14
PDIP−14
N SUFFIX
CASE 646
See general marking information in the device marking
section on page 5 of this data sheet.
DEVICE MARKING INFORMATION
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
http://onsemi.com


Similar Part No. - 74ACT08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT08 STMICROELECTRONICS-74ACT08 Datasheet
173Kb / 8P
QUAD 2-INPUT AND GATE
Apr-2001
logo
Fairchild Semiconductor
74ACT08 FAIRCHILD-74ACT08 Datasheet
304Kb / 10P
Quad 2-Input AND Gate
logo
Silicon Supplies
74ACT08 SS-74ACT08 Datasheet
286Kb / 5P
Advanced CMOS Logic
74ACT08 SS-74ACT08 Datasheet
307Kb / 5P
Advanced CMOS Logic
Rev 1.0 06/02/20
74ACT08 SS-74ACT08 Datasheet
293Kb / 5P
Advanced CMOS TTL Input
Rev 2.0 17/09/25
More results

Similar Description - 74ACT08

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H104 ONSEMI-MC10H104_06 Datasheet
150Kb / 6P
Quad 2?묲nput AND Gate
February, 2006 ??Rev. 8
MC74AC00 ONSEMI-MC74AC00 Datasheet
148Kb / 10P
Quad 2?묲nput NAND Gate
October, 2006 ??Rev. 9
MC74AC02 ONSEMI-MC74AC02 Datasheet
141Kb / 10P
Quad 2?묲nput NOR Gate
October, 2006 ??Rev. 7
MC74VHC00 ONSEMI-MC74VHC00 Datasheet
92Kb / 6P
Quad 2?묲nput NAND Gate
January, 2006 ??Rev. 5
MC74VHC02 ONSEMI-MC74VHC02 Datasheet
82Kb / 5P
Quad 2?묲nput NOR Gate
November, 2005 ??Rev. 4
MC74VHC08 ONSEMI-MC74VHC08 Datasheet
92Kb / 6P
Quad 2?묲nput AND Gate
November, 2005 ??Rev. 6
MC74VHCT02A ONSEMI-MC74VHCT02A_06 Datasheet
156Kb / 8P
Quad 2?묲nput NOR Gate
March, 2006 ??Rev. 4
MC74VHCT08A ONSEMI-MC74VHCT08A_06 Datasheet
95Kb / 6P
Quad 2?묲nput AND Gate
March, 2006 ??Rev. 5
NLSF308 ONSEMI-NLSF308_06 Datasheet
66Kb / 5P
Quad 2?묲nput AND Gate
May, 2006 ??Rev. 4
NLSF302MN ONSEMI-NLSF302MN Datasheet
64Kb / 4P
Quad 2?묲nput NOR Gate
May, 2006 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com