Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CX-1606C Datasheet(PDF) 1 Page - CUI Devices

Part # CX-1606C
Description  MAGNETIC BUZZER INDICATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

CX-1606C Datasheet(HTML) 1 Page - CUI Devices

  CX-1606C Datasheet HTML 1Page - CUI Devices CX-1606C Datasheet HTML 2Page - CUI Devices CX-1606C Datasheet HTML 3Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
date 08/05/2022
page 1 of 3
MODEL: CX-1606C | DESCRIPTION: MAGNETIC BUZZER INDICATOR
cuidevices.com
FEATURES
• magnetic indicator with pin mount
• 6 Vdc rating
• 2,200 Hz rated frequency
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
rated voltage
6.0
Vdc
operating voltage
4.0
7.0
Vdc
current consumption
at rated voltage
50
mA
rated frequency
1,900
2,200
2,500
Hz
sound pressure level
at 10 cm (A-weight), rated voltage
85
92
dBA
dimensions
Ø16.0 x 14.0
mm
weight
4.6
g
material
PPO
terminal
pin type (Au plating)
operating temperature
-20
60
°C
storage temperature
-30
70
°C
washable
yes
RoHS
yes
Notes:
1. All specifications measured at 5~35°C, humidity at 45~85%, under 86~106kPa pressure, unless otherwise noted.
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
hand soldering2
for maximum 2 seconds
330
380
°C
Notes:
2. Not recommended for wave soldering
Additional Resources: Product Page | 3D Model | PCB Footprint


Similar Part No. - CX-1606C

ManufacturerPart #DatasheetDescription
logo
CUI INC
CX-1606C CUI-CX-1606C Datasheet
424Kb / 4P
Magnetic buzzer
CX-1606C CUI-CX-1606C Datasheet
271Kb / 3P
MAGNETIC BUZZER INDICATOR
01/14/2020
CX-1606C CUI-CX-1606C_V01 Datasheet
271Kb / 3P
MAGNETIC BUZZER INDICATOR
01/14/2020
More results

Similar Description - CX-1606C

ManufacturerPart #DatasheetDescription
logo
CUI INC
CT-1205CL-SMT CUI-CT-1205CL-SMT Datasheet
195Kb / 3P
MAGNETIC BUZZER INDICATOR
CMI-1275C-050 CUI-CMI-1275C-050 Datasheet
400Kb / 4P
MAGNETIC BUZZER INDICATOR
CMI-9653S-SMT CUI-CMI-9653S-SMT Datasheet
535Kb / 4P
MAGNETIC BUZZER INDICATOR
CT-1205CL-SMT-TR CUI-CT-1205CL-SMT-TR Datasheet
467Kb / 4P
MAGNETIC BUZZER INDICATOR
02/11/2022
CMI-1295IC-1285T CUI-CMI-1295IC-1285T Datasheet
348Kb / 4P
MAGNETIC BUZZER INDICATOR
11/13/2019
CMI-1614C-120 CUI-CMI-1614C-120_V01 Datasheet
397Kb / 4P
MAGNETIC BUZZER INDICATOR
11/22/2019
CX-0905C CUI-CX-0905C_V01 Datasheet
365Kb / 3P
MAGNETIC BUZZER INDICATOR
03/18/2020
CMI-1210-5-95T CUI-CMI-1210-5-95T Datasheet
406Kb / 4P
MAGNETIC BUZZER INDICATOR
11/24/2021
logo
CUI Devices
CMI-1265-88-SMT-TR CUID-CMI-1265-88-SMT-TR Datasheet
308Kb / 4P
MAGNETIC BUZZER INDICATOR
08/05/2022
CMI-1275-85T CUID-CMI-1275-85T Datasheet
328Kb / 4P
MAGNETIC BUZZER INDICATOR
08/05/2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com