Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GA0381 Datasheet(PDF) 1 Page - CUI Devices

Part # GA0381
Description  SPEAKER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

GA0381 Datasheet(HTML) 1 Page - CUI Devices

  GA0381 Datasheet HTML 1Page - CUI Devices GA0381 Datasheet HTML 2Page - CUI Devices GA0381 Datasheet HTML 3Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
date 08/05/2022
page 1 of 3
MODEL: GA0381 | DESCRIPTION: SPEAKER
cuidevices.com
SPECIFICATIONS
parameter
conditions/description
min
nom
max
units
nominal size
38 mm
impedance
at 800 Hz, 1 V
6.8
8
9.2
W
resonant frequency
at 1 V
640
800
960
Hz
sound pressure level
0.1 W, 50 cm ave., at 1, 1.3, 1.5, 1.7k Hz
77
80
83
dB
response
10 dB max.
Fo
8,500
Hz
input power
0.1
0.3
W
operation
must be normal at program source
0.1
W
buzz, rattle, etc.
must be normal at sine wave
0.89
V dc
magnet
size: 13 x 10 mm
load test
5 hours of white noise at
0.1
W
heat test
20 ~ 50% RH for 5 hours
68
70
72
°C
humidity test
90 ~ 95% RH for 5 hours
38
40
42
°C
RoHS
yes
FEATURES
• 38 mm round frame
• 0.1 W, 8 Ohm
• AlNiCo magnet
• paper Cone
Additional Resources: Product Page | 3D Model


Similar Part No. - GA0381

ManufacturerPart #DatasheetDescription
logo
CUI INC
GA0381M CUI-GA0381M Datasheet
238Kb / 2P
Round frame mylar cone - alnico magnet
logo
CUI Devices
GA0381M CUID-GA0381M Datasheet
1,006Kb / 2P
SPEAKER
08/05/2022
More results

Similar Description - GA0381

ManufacturerPart #DatasheetDescription
logo
CUI INC
CMS0361KLX CUI-CMS0361KLX Datasheet
224Kb / 2P
speaker
logo
Projects Unlimited, Inc...
ADS02908MR-R PUI-ADS02908MR-R Datasheet
290Kb / 1P
Speaker
AS01708MR-SC-R PUI-AS01708MR-SC-R Datasheet
243Kb / 1P
Speaker
AS01808MR-R PUI-AS01808MR-R Datasheet
251Kb / 1P
Speaker
AS02508CO-2-WR-R PUI-AS02508CO-2-WR-R Datasheet
278Kb / 1P
Speaker
AS02804MR-R PUI-AS02804MR-R Datasheet
265Kb / 1P
Speaker
AS03008MR-R PUI-AS03008MR-R Datasheet
313Kb / 1P
Speaker
AS03508CO-7-R PUI-AS03508CO-7-R Datasheet
235Kb / 1P
Speaker
logo
Canopus Electronics (H....
CLS2811 CANOPUS-CLS2811 Datasheet
784Kb / 1P
Loud Speaker & Notebook Speaker
logo
Bel Fuse Inc.
CLS0201MA-L152 BEL-CLS0201MA-L152 Datasheet
186Kb / 2P
SPEAKER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com