Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

687614100002 Datasheet(PDF) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 687614100002
Description  WR-FFC Flat Flexible Cable
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

687614100002 Datasheet(HTML) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  687614100002 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 687614100002 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 687614100002 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 687614100002 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 687614100002 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Kind Properties:
Durability
20 Mating cycles
Material Properties:
Insulator Material
PET (White)
Tape Material
PET (Blue)
Contact Material
Copper
Contact Plating
Tin
General Information:
Operating Temperature
-30 up to +105 °C
Heat Resistance
110 °C x 96 HRS
Flammability Rating according to
UL SUB.758
Moisture Resistance
40 °C, 95 % RH x 96 HRS
Electrical Properties:
Properties
Test conditions
Value
Unit
Tol.
Rated Current
IR
0.5
A
max.
Working Voltage
60
V
Insulation Resistance
RISO 500 V (DC)
1000
MΩ/m min.
Withstanding Voltage
1 min No Breakdown
500
V (AC)
Conductor Resistance
R
1.4
Ω/m
max.
Contact Resistance
R
20
mΩ
max.
Mechanical Properties:
Properties
Test conditions
Value
Unit
Tol.
Elongation of Insulator
60
%
min.
Tensile strength
35
N/mm² min.
Flexing test
180°
20
Times
min.
Abrasion
10000
Times
min.
Certification:
RoHS Approval
Compliant [2011/65/EU&2015/863]
REACh Approval
Conform or declared [(EC)1907/2006]
cULus Approval
E328849
Packaging Properties:
Packaging
Bag
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CHECKED
REVISION
DATE (YYYY-MM-DD)
GENERAL TOLERANCE
PROJECTION
METHOD
GMo
001.002
2021-07-08
DIN ISO 2768-1m
DESCRIPTION
WR-FFC Flat Flexible Cable
ORDER CODE
687614100002
SIZE/TYPE
BUSINESS UNIT
STATUS
PAGE
Type 1, 0.50 mm
eiCan
Valid
2/5
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com