Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDF2C03HD Datasheet(PDF) 1 Page - ON Semiconductor

Part # MMDF2C03HD
Description  Power MOSFET 2 Amps, 30 Volts Complementary SO-8, Dual
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMDF2C03HD Datasheet(HTML) 1 Page - ON Semiconductor

  MMDF2C03HD Datasheet HTML 1Page - ON Semiconductor MMDF2C03HD Datasheet HTML 2Page - ON Semiconductor MMDF2C03HD Datasheet HTML 3Page - ON Semiconductor MMDF2C03HD Datasheet HTML 4Page - ON Semiconductor MMDF2C03HD Datasheet HTML 5Page - ON Semiconductor MMDF2C03HD Datasheet HTML 6Page - ON Semiconductor MMDF2C03HD Datasheet HTML 7Page - ON Semiconductor MMDF2C03HD Datasheet HTML 8Page - ON Semiconductor MMDF2C03HD Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2006
February, 2006 − Rev. 7
1
Publication Order Number:
MMDF2C03HD/D
MMDF2C03HD
Preferred Device
Power MOSFET
2 Amps, 30 Volts
Complementary SO−8, Dual
These miniature surface mount MOSFETs feature ultra low RDS(on)
and true logic level performance. They are capable of withstanding
high energy in the avalanche and commutation modes and the
drain-to-source diode has a very low reverse recovery time.
MiniMOS
t devices are designed for use in low voltage, high speed
switching applications where power efficiency is important. Typical
applications are dc-dc converters, and power management in portable
and battery powered products such as computers, printers, cellular and
cordless phones. They can also be used for low voltage motor controls
in mass storage products such as disk drives and tape drives. The
avalanche energy is specified to eliminate the guesswork in designs
where inductive loads are switched and offer additional safety margin
against unexpected voltage transients.
Features
• Ultra Low RDS(on) Provides Higher Efficiency and Extends Battery Life
• Logic Level Gate Drive − Can Be Driven by Logic ICs
• Miniature SO-8 Surface Mount Package − Saves Board Space
• Diode Is Characterized for Use In Bridge Circuits
• Diode Exhibits High Speed, With Soft Recovery
• IDSS Specified at Elevated Temperature
• Avalanche Energy Specified
• Mounting Information for SO-8 Package Provided
• Pb−Free Package is Available
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted) (Note 1)
Rating
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
30
Vdc
Gate−to−Source Voltage
VGS
± 20
Vdc
Drain Current − Continuous
N−Channel
P−Channel
Drain Current − Pulsed
N−Channel
P−Channel
ID
IDM
4.1
3.0
21
15
A
Operating and Storage Temperature Range
TJ, Tstg
−55 to 150
°C
Total Power Dissipation @ TA= 25°C (Note 2)
PD
2.0
W
Thermal Resistance, Junction−to−Ambient
(Note 2)
RqJA
62.5
°C/W
Single Pulse Drain−to−Source Avalanche
Energy − Starting TJ = 25°C
(VDD = 30 V, VGS = 5.0 V, Peak IL = 9.0 Apk,
L = 8.0 mH, RG = 25 W)
N−Channel
(VDD = 30 V, VGS = 5.0 V, Peak IL = 6.0 Apk,
L = 18 mH, RG = 25 W)
P−Channel
EAS
324
324
mJ
Max Lead Temperature for Soldering, 0.0625
″
from case. Time in Solder Bath is 10 seconds
TL
260
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
1. Negative signs for P−Channel device omitted for clarity.
2. Mounted on 2” square FR4 board (1” sq. 2 oz. Cu 0.06” thick single sided) with
one die operating, 10 sec. max.
N−Source
1
2
3
4
8
7
6
5
N−Gate
P−Source
P−Gate
N−Drain
N−Drain
P−Drain
P−Drain
Device
Package
Shipping†
ORDERING INFORMATION
MMDF2C03HDR2
SO−8
2500 Tape & Reel
N−Channel
D
S
G
PIN ASSIGNMENT
Preferred devices are recommended choices for future use
and best overall value.
D
S
G
P−Channel
2 AMPERES, 30 VOLTS
RDS(on) = 70 mW (N-Channel)
RDS(on) = 200 mW (P-Channel)
http://onsemi.com
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
MMDF2C03HDR2G
SO−8
(Pb−Free)
2500 Tape & Reel
SO−8
CASE 751
STYLE 14
MARKING
DIAGRAM
D2C03 = Device Code
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)
D2C03
AYWW
G
G
1
8
1
8


Similar Part No. - MMDF2C03HD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMDF2C03HD MOTOROLA-MMDF2C03HD Datasheet
381Kb / 12P
COMPLEMENTARY DUAL TMOS POWER FET 2.0 AMPERES 30 VOLTS
logo
VBsemi Electronics Co.,...
MMDF2C03HDR2G VBSEMI-MMDF2C03HDR2G Datasheet
2Mb / 14P
N- and P-Channel 30 V (D-S) MOSFET
More results

Similar Description - MMDF2C03HD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMD4N03R2 ONSEMI-NTMD4N03R2 Datasheet
80Kb / 8P
Power MOSFET 4 Amps, 30 Volts N?묬hannel SO?? Dual
May, 2004 ??Rev. 1
NTMD6P02R2 ONSEMI-NTMD6P02R2 Datasheet
124Kb / 8P
Power MOSFET 6 Amps, 20 Volts P-Channel SO-8, Dual
November, 2000 ??Rev. 1
MMDF2N02E ONSEMI-MMDF2N02E Datasheet
100Kb / 7P
Power MOSFET 2 Amps, 25 Volts N?묬hannel SO??, Dual
February, 2006 ??Rev. 7
MMDF2P02E ONSEMI-MMDF2P02E Datasheet
99Kb / 7P
Power MOSFET 2 Amps, 25 Volts P?묬hannel SO??, Dual
April, 2006 ??Rev. 8
MMDF2P02HD ONSEMI-MMDF2P02HD Datasheet
100Kb / 8P
Power MOSFET 2 Amps, 20 Volts P?묬hannel SO??, Dual
February, 2006 ??Rev. 7
NTMSD6N303R2 ONSEMI-NTMSD6N303R2 Datasheet
228Kb / 11P
Power MOSFET 6 Amps, 30 Volts N?묬hannel SO?? FETKY
March, 2006 ??Rev. 2
logo
Unisonic Technologies
UTT4815 UTC-UTT4815 Datasheet
146Kb / 5P
8 Amps, -30 Volts P-CHANNEL POWER MOSFET
logo
ON Semiconductor
MMDF2P03HDR2 ONSEMI-MMDF2P03HDR2 Datasheet
236Kb / 10P
Power MOSFET 2 Amps, 30 Volts P?묬hannel SO??, Dual
August, 2006 ??Rev. 8
MMDF2C01HD ONSEMI-MMDF2C01HD Datasheet
349Kb / 16P
Complementary SO??, Dual Power MOSFET
Sep, 2004 ??Rev. XXX
MMDF4C03HD ONSEMI-MMDF4C03HD Datasheet
368Kb / 16P
Complementary SO??, Dual Power MOSFET
June, 2004 ??Rev. XXX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com