Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXMP6A18KTC Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # ZXMP6A18KTC
Description  60V P-channel enhancement mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXMP6A18KTC Datasheet(HTML) 1 Page - Zetex Semiconductors

  ZXMP6A18KTC Datasheet HTML 1Page - Zetex Semiconductors ZXMP6A18KTC Datasheet HTML 2Page - Zetex Semiconductors ZXMP6A18KTC Datasheet HTML 3Page - Zetex Semiconductors ZXMP6A18KTC Datasheet HTML 4Page - Zetex Semiconductors ZXMP6A18KTC Datasheet HTML 5Page - Zetex Semiconductors ZXMP6A18KTC Datasheet HTML 6Page - Zetex Semiconductors ZXMP6A18KTC Datasheet HTML 7Page - Zetex Semiconductors ZXMP6A18KTC Datasheet HTML 8Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Issue 1 - March 2006
1
www.zetex.com
© Zetex Semiconductors plc 2006
ZXMP6A18K
60V P-channel enhancement mode MOSFET
Summary
V(BR)DSS = -60V: RDS(on) = 0.055 : ID = -10.4A
Description
This new generation of trench MOSFETs from Zetex utilizes a unique
structure that combines the benefits of low on-resistance with fast
switching speed. This makes them ideal for high efficiency, low voltage,
power management applications.
Features
•
Low on-resistance
•
Fast switching speed
•
Low threshold
•
Low gate drive
•
DPAK package
Applications
•
Motor drive
•
Disconnect switches
Ordering information
Device marking
ZXMP
6A18
Device
Reel size
(inches)
Tape width
Quantity per reel
ZXMP6A18KTC
13
16mm
2500 units
D
S
G
Pinout - Top view


Similar Part No. - ZXMP6A18KTC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMP6A18KTC DIODES-ZXMP6A18KTC Datasheet
589Kb / 8P
60V P-channel enhancement mode MOSFET
MARCH 2006
logo
VBsemi Electronics Co.,...
ZXMP6A18KTC VBSEMI-ZXMP6A18KTC Datasheet
1,003Kb / 8P
P-Channel 60 V (D-S) MOSFET
logo
Inchange Semiconductor ...
ZXMP6A18KTC ISC-ZXMP6A18KTC Datasheet
308Kb / 2P
isc P-Channel MOSFET Transistor
More results

Similar Description - ZXMP6A18KTC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMP6A17E6 DIODES-ZXMP6A17E6 Datasheet
671Kb / 8P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
ZXMP6A18K DIODES-ZXMP6A18K Datasheet
589Kb / 8P
60V P-channel enhancement mode MOSFET
MARCH 2006
logo
Cystech Electonics Corp...
MTP2311M3 CYSTEKEC-MTP2311M3 Datasheet
297Kb / 9P
60V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP6023LE DIODES-DMP6023LE_15 Datasheet
362Kb / 7P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
DMP6185SE DIODES-DMP6185SE_15 Datasheet
294Kb / 6P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
DMP6185SK3 DIODES-DMP6185SK3_15 Datasheet
323Kb / 6P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMP6250SE DIODES-DMP6250SE_15 Datasheet
370Kb / 6P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
ZXMP6A13F DIODES-ZXMP6A13F_15 Datasheet
322Kb / 8P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 6
logo
Pan Jit International I...
PJL9433A PANJIT-PJL9433A Datasheet
440Kb / 7P
60V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP6180SK3 DIODES-DMP6180SK3 Datasheet
194Kb / 6P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com