Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7085-SM1-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # M7085-SM1-R
Description  PFM STEP-DOWN DC-DC CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M7085-SM1-R Datasheet(HTML) 1 Page - Unisonic Technologies

  M7085-SM1-R Datasheet HTML 1Page - Unisonic Technologies M7085-SM1-R Datasheet HTML 2Page - Unisonic Technologies M7085-SM1-R Datasheet HTML 3Page - Unisonic Technologies M7085-SM1-R Datasheet HTML 4Page - Unisonic Technologies M7085-SM1-R Datasheet HTML 5Page - Unisonic Technologies M7085-SM1-R Datasheet HTML 6Page - Unisonic Technologies M7085-SM1-R Datasheet HTML 7Page - Unisonic Technologies M7085-SM1-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
M7085
CMOS IC
www.unisonic.com.tw
1 of 8
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R502-092,A
PFM STEP-DOWN DC-DC
CONTROLLER
DESCRIPTION
The UTC M7085 step-down DC-DC Controller is optimized for
use with a power PMOSFET. It utilize a Pulse-Frequency
Modulation (PFM) control scheme that implies high efficiency
operation at light loads.
There are two user-selectable over-current protection methods
one provides over-current protection by taking advantage of the
RDS(ON) of the P- Channel. The other provides accurate over-current
protection with the use of an external sense resistor. The
cycle-by-cycle current limit threshold can be adjusted with a
external resistor.
FEATURES
* High efficiency 90% and up is possible
* Low dropout operation:100% duty cycle
* Maximum operating frequency > 1MHz
* Two methods of over-current protection
* 4.5V ~ 35V wide input range
* 1.24V ~ VIN adjustable output range
MSOP-8
*Pb-free plating product number: M7085L
ORDERING INFORMATION
Order Number
Normal
Lead Free Plating
Package
Packing
M7085-SM1-R
M7085L-SM1-R
MSOP-8
Tape Reel
M7085-SM1-T
M7085L-SM1-T
MSOP-8
Tube
M7085L-SM1-R
(1)Packing Type
(2)Package Type
(3)Lead Plating
(1) R: Tape Reel, T: Tube
(2) SM1: MSOP-8
(3) L: Lead Free Plating, Blank: Pb/Sn


Similar Part No. - M7085-SM1-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
M7085 UTC-M7085 Datasheet
231Kb / 7P
PFM STEP-DOWN DC-DC CONTROLLER
M7085G-SM1-R UTC-M7085G-SM1-R Datasheet
231Kb / 7P
PFM STEP-DOWN DC-DC CONTROLLER
M7085G-SM1-T UTC-M7085G-SM1-T Datasheet
231Kb / 7P
PFM STEP-DOWN DC-DC CONTROLLER
M7085L-SM1-R UTC-M7085L-SM1-R Datasheet
231Kb / 7P
PFM STEP-DOWN DC-DC CONTROLLER
M7085L-SM1-T UTC-M7085L-SM1-T Datasheet
231Kb / 7P
PFM STEP-DOWN DC-DC CONTROLLER
More results

Similar Description - M7085-SM1-R

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC105 MICROCHIP-TC105 Datasheet
433Kb / 14P
PFM/PWM Step-Down DC/DC Controller
2002
TC110 MICROCHIP-TC110 Datasheet
464Kb / 16P
PFM/PWM Step-Up DC/DC Controller
2002
logo
ON Semiconductor
NCP1550SN18T1 ONSEMI-NCP1550SN18T1 Datasheet
191Kb / 18P
600 kHz PWM/PFM Step-Down DC-DC Controller
September, 2004 ??Rev. 6
logo
Anachip Corp
AP1625 ANACHIP-AP1625 Datasheet
159Kb / 5P
PWM/PFM Dual Mode Step-down DC/DC Controller
Rev.1.1 May.27, 2004
logo
Unisonic Technologies
UC3750 UTC-UC3750 Datasheet
211Kb / 9P
600kHZ PWM/PFM STEP-DOWN DC-DC CONTROLLER
M7085 UTC-M7085_12 Datasheet
231Kb / 7P
PFM STEP-DOWN DC-DC CONTROLLER
UC3750 UTC-UC3750_11 Datasheet
203Kb / 8P
600kHZ PWM/PFM STEP-DOWN DC-DC CONTROLLER
logo
SHANGHAI BELLING CO., L...
BL8523 BELLING-BL8523 Datasheet
525Kb / 5P
PWM/PFM Step-down DC-DC Controller
logo
Microchip Technology
TC105 MICROCHIP-TC105_13 Datasheet
197Kb / 14P
PFM/PWM Step-Down DC/DC Controller
2001-2012 10/26/12
logo
Shanghai Consonance Ele...
CN5136 CONSONANCE-CN5136 Datasheet
166Kb / 6P
PFM Step-Up DC-DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com