Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7085L-SM1-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # M7085L-SM1-R
Description  PFM STEP-DOWN DC-DC CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M7085L-SM1-R Datasheet(HTML) 3 Page - Unisonic Technologies

  M7085L-SM1-R Datasheet HTML 1Page - Unisonic Technologies M7085L-SM1-R Datasheet HTML 2Page - Unisonic Technologies M7085L-SM1-R Datasheet HTML 3Page - Unisonic Technologies M7085L-SM1-R Datasheet HTML 4Page - Unisonic Technologies M7085L-SM1-R Datasheet HTML 5Page - Unisonic Technologies M7085L-SM1-R Datasheet HTML 6Page - Unisonic Technologies M7085L-SM1-R Datasheet HTML 7Page - Unisonic Technologies M7085L-SM1-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
M7085
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 8
www.unisonic.com.tw
QW-R502-092,A
BLOCK DIAGRAM
ADJ
ISENSE
5.5µA
OC CMP
Internal
Regulator
One shot
pulse
Generator
Band Gap
1.240V
CMP
PMOS
BUFFER
VIN
PGATE
PGND
FB
SGND
1.240V
Internal 6V
1
5
8
7
6
4
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com