Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M4034-R08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # M4034-R08-R
Description  3-INPUT VIDEO SWITCH
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M4034-R08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  M4034-R08-R Datasheet HTML 1Page - Unisonic Technologies M4034-R08-R Datasheet HTML 2Page - Unisonic Technologies M4034-R08-R Datasheet HTML 3Page - Unisonic Technologies M4034-R08-R Datasheet HTML 4Page - Unisonic Technologies M4034-R08-R Datasheet HTML 5Page - Unisonic Technologies M4034-R08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
M4034
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 6
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R124-005,A
3-INPUT VIDEO SWITCH
DESCRIPTION
The UTC M4034 is 3-input video switch selecting one of three
input video or audio signals. Its operating supply voltage range is 5 ~
12V and bandwidth is 10MHz. Crosstalk is 70dB (at 4.43MHz).
FEATURES
* Operating Voltage: +4.75V ~ +13V
* 3 Input-1 Output
* Muting Function available
* Wide Operating Supply voltage Range: 4.75V ~ 13V
* Cross-talk 70dB (at 4.43MHz)
* Muting Function available
* Bipolar Technology
DIP-8
SOP-8
SSOP-8
SIP-8
MSOP-8
*Pb-free plating product number: M4034L
ORDERING INFORMATION
M4034L-D08-T
(1)Packing Type
(2)Package Type
(3)Lead Plating
(1) R: Tape Reel, T: Tube
(2) D8: DIP-8, G08: SIP-8, S08: SOP-8,
SM 1: MSOP-8, R08: SSOP-8
(3) L: Lead Free Plating, Blank: Pb/Sn
Order Number
Normal
Lead Free Plating
Package
Packing
M4034-D08-T
M4034L-D08-T
DIP-8
Tube
M4034-G08-T
M4034L-G08-T
SIP-8
Tube
M4034-S08-R
M4034L-S08-R
SOP-8
Tape Reel
M4034-S08-T
M4034L-S08-T
SOP-8
Tube
M4034-SM1-R
M4034L-SM1-R
MSOP-8
Tape Reel
M4034-SM1-T
M4034L-SM1-T
MSOP-8
Tube
M4034-R08-R
M4034L-R08-R
SSOP-8
Tape Reel
M4034-R08-T
M4034L-R08-T
SSOP-8
Tube


Similar Part No. - M4034-R08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
M4034 UTC-M4034 Datasheet
206Kb / 6P
3-INPUT VIDEO SWITCH
M4034G-D08-T UTC-M4034G-D08-T Datasheet
206Kb / 6P
3-INPUT VIDEO SWITCH
M4034G-D08-T UTC-M4034G-D08-T Datasheet
206Kb / 6P
3-INPUT VIDEO SWITCH
M4034G-G08-T UTC-M4034G-G08-T Datasheet
206Kb / 6P
3-INPUT VIDEO SWITCH
M4034G-G08-T UTC-M4034G-G08-T Datasheet
206Kb / 6P
3-INPUT VIDEO SWITCH
More results

Similar Description - M4034-R08-R

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2234 NJRC-NJM2234 Datasheet
204Kb / 5P
3-INPUT VIDEO SWITCH
NJM2235 NJRC-NJM2235 Datasheet
205Kb / 5P
3-INPUT VIDEO SWITCH?
NJM2249 NJRC-NJM2249 Datasheet
193Kb / 4P
3-INPUT VIDEO SWITCH
NJM2503 NJRC-NJM2503 Datasheet
164Kb / 4P
3-INPUT/2-INPUT VIDEO SWITCH
NJM2506 NJRC-NJM2506 Datasheet
342Kb / 10P
3-INPUT/2-INPUT VIDEO SWITCH?
NJM2508 NJRC-NJM2508 Datasheet
338Kb / 10P
3-INPUT/2-INPUT VIDEO SWITCH?
NJM2513 NJRC-NJM2513 Datasheet
191Kb / 4P
3-INPUT/2-INPUT VIDEO SWITCH?
logo
Unisonic Technologies
M4034 UTC-M4034_11 Datasheet
206Kb / 6P
3-INPUT VIDEO SWITCH
M4034 UTC-M4034_15 Datasheet
206Kb / 6P
3-INPUT VIDEO SWITCH
logo
SG Micro Corp
SGM9141 SGMICRO-SGM9141 Datasheet
303Kb / 10P
3-Input Video Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com