Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR2040C Datasheet(PDF) 1 Page - Unisonic Technologies

Part # MBR2040C
Description  SCHOTTKY BARRIER RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MBR2040C Datasheet(HTML) 1 Page - Unisonic Technologies

  MBR2040C Datasheet HTML 1Page - Unisonic Technologies MBR2040C Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UNISONIC TECHNOLOGIES CO., LTD
MBR2040C
DIODE
www.unisonic.com.tw
1 of 1
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R601-020,A
SCHOTTKY BARRIER
RECTIFIER DIODES
FEATURES
* Guard Ring for Transient Protection
* Low Power Loss, High Efficiency
* High Surge Capability
* High Current Capability and Low Forward Voltage Drop
SYMBOL
3
2
1
(CASE)
TO-220
1
*Pb-free plating product number: MBR2040CL
ORDERING INFORMATION
Order Number
Pin Assignment
Normal
Lead Free Plating
Package
1
2
3
Packing
MBR2040C-TA3-T
MBR2040CL-TA3-T
TO-220
A
K
A
Tube
Note: Pin Assignment: A: Anode
K: Cathode
MBR2040CL-TA3-T
(1)Packing Type
(2)Package Type
(3)Lead Plating
(1) T: Tube
(2) TA3: TO-220
(3) L: Lead Free Plating, Blank: Pb/Sn


Similar Part No. - MBR2040C

ManufacturerPart #DatasheetDescription
logo
SHIKUES Electronics
MBR2040C-T SKTECHNOLGY-MBR2040C-T Datasheet
370Kb / 3P
SCHOTTKY BARRIER RECTIFIERS
MBR2040C-TF SKTECHNOLGY-MBR2040C-TF Datasheet
370Kb / 3P
SCHOTTKY BARRIER RECTIFIERS
logo
DIYI Electronic Technol...
MBR2040CD DYELEC-MBR2040CD Datasheet
789Kb / 3P
20 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
Zibo Seno Electronic En...
MBR2040CD ZSELEC-MBR2040CD Datasheet
298Kb / 2P
20.0A SCHOTTKY BARRIER DIODE
logo
Microdiode Semiconducto...
MBR2040CD CHENDA-MBR2040CD Datasheet
577Kb / 2P
40 to 200 Volts Forward Current - 20.0 Amperes
More results

Similar Description - MBR2040C

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
1N5817 EIC-1N5817 Datasheet
16Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODES
SBT20 EIC-SBT20 Datasheet
28Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODES
logo
Semikron International
SB1520TL SEMIKRON-SB1520TL Datasheet
188Kb / 3P
Schottky barrier rectifier diodes
logo
Unisonic Technologies
MBR1060C UTC-MBR1060C_08 Datasheet
106Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODES
logo
Diotec Semiconductor
SB520 DIOTEC-SB520_13 Datasheet
93Kb / 2P
Schottky Barrier Rectifier Diodes
SB1230 DIOTEC-SB1230 Datasheet
158Kb / 2P
Schottky Barrier Rectifier Diodes
SBX2020 DIOTEC-SBX2020_18 Datasheet
149Kb / 2P
Schottky Barrier Rectifier Diodes
SB1520 DIOTEC-SB1520_18 Datasheet
221Kb / 2P
Schottky Barrier Rectifier Diodes
logo
SUNMATE electronic Co.,...
MBRD340 SUNMATE-MBRD340 Datasheet
1Mb / 3P
SCHOTTKY BARRIER RECTIFIER DIODES
MBRD1040 SUNMATE-MBRD1040 Datasheet
1Mb / 3P
SCHOTTKY BARRIER RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com