Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC97A8-T92-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # MAC97A8-T92-R
Description  LOGIC LEVEL TRIAC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MAC97A8-T92-R Datasheet(HTML) 3 Page - Unisonic Technologies

  MAC97A8-T92-R Datasheet HTML 1Page - Unisonic Technologies MAC97A8-T92-R Datasheet HTML 2Page - Unisonic Technologies MAC97A8-T92-R Datasheet HTML 3Page - Unisonic Technologies MAC97A8-T92-R Datasheet HTML 4Page - Unisonic Technologies MAC97A8-T92-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MAC97A6/8
TRIACS
UNISONIC TECHNOLOGIES CO., LTD
3 of 5
www.unisonic.com.tw
QW-R401-023,C
TYPICAL CHARACTERISTICS
10
10
10
1
10
10
10
Transient Thermal Impedance From Junction to
Ambient as a Function of Pulse Duration.
10
10
10
1
3
2
-5
-4
-3
-2
-1
p
tP
t
Tp(s)
Maximum On-State Dissipation as a Function of
RMS On-State Current; Typical Values.
α
=Conduction Angle.
0.6
0
0
IT(RMS)/A
0.4
0.2
0.8
1.2
0.6
0.4
0.2
α
=180
α
=120
α
= 90
α
= 60
α
= 30
α
1
0.8
α
10
10
10
1000
10
100
10
Tp/s
10
1
Maximum Permissible Non-Repetitive Peak on-
State Current as a Function of Pulse Width for
Sinusoidal Currents;Tyical Values. tp≦ 20ms.
-5
-4
-1
-3
-2
IT
time
ITSM
Tj initial=25 ℃ max
T
Maximum Permissible Non-Repetitive Peak
On-State Current as a Function of Number
of Cycles for Sinusoidal Currents; Typical
Values . n=Number of Cycles at f=50Hz.
8
4
0
10
102
1
10
6
2
103
IT
time
ITSM
Tj initial=25 ℃ max
T
80
100
040
20
1
0.6
TLEAD(℃)
0
0.8
Maximum Permissible RMS Current as a
Function of Lead Temperature; Typical
Values.
0.4
0.2
60
120
140
3
1.5
2
2.5
1
0
10-3
10-2
1
10
Maximum Permissible Repetitive RMS On -
State Current as a Function of Surge
Duration for Sinusoidal Currents; Typical
Values. f=50Hz; TLEAD≦ 50℃.
0.5
Tsurge(s)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com