Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC97A6L-AA3-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # MAC97A6L-AA3-R
Description  LOGIC LEVEL TRIAC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MAC97A6L-AA3-R Datasheet(HTML) 4 Page - Unisonic Technologies

  MAC97A6L-AA3-R Datasheet HTML 1Page - Unisonic Technologies MAC97A6L-AA3-R Datasheet HTML 2Page - Unisonic Technologies MAC97A6L-AA3-R Datasheet HTML 3Page - Unisonic Technologies MAC97A6L-AA3-R Datasheet HTML 4Page - Unisonic Technologies MAC97A6L-AA3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MAC97A6/8
TRIACS
UNISONIC TECHNOLOGIES CO., LTD
4 of 5
www.unisonic.com.tw
QW-R401-023,C
TYPICAL CHARACTERISTICS(Cont.)
-60
1.6
0.8
TJ(℃)
1.2
1.4
1
0.6
0.4
Normalized Gate Trigger Voltage as a
of Function Junction Temperature;
Typical Values.
-104090
0.2
0
140
60
100
-60
20
-20
1
TJ(℃)
2
2.5
1.5
0.5
0
Normalized Gate Trigger Current as a Function
of Junction Temperature; Typical Values.
140
T2+G+
T2-G+
T2-G-
T2+G-
1
2
2.5
1.5
0.5
0
60
100
-60
20
-20
140
1
2
2.5
1.5
0.5
0
60
100
-60
20
-20
140
1.5
1
0.5
2.0
1.6
1.
2
0.8
0.
4
0
2.0
max
typ
max
Normalized Latching Current as a Function of
Junction Temperature; Typical Values.
Normalized Holding Current as a Function of
Junction Temperature; Typical Values.
TJ(℃)
TJ(℃)
On-State Current as a Function of On-State
Voltage; Typical and Maximum Values .
TJ=125 ℃
TJ=25 ℃
VT(V)
120
140
40
0
1000
10
1
100
20
60
80
100
Critical Rate of Rise of Off-State Voltage as a
Function of Junction Temperature; Typical
Values.
TJ(℃)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com