Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBTA06-AE3-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # MMBTA06-AE3-R
Description  AMPLIFIER TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MMBTA06-AE3-R Datasheet(HTML) 4 Page - Unisonic Technologies

  MMBTA06-AE3-R Datasheet HTML 1Page - Unisonic Technologies MMBTA06-AE3-R Datasheet HTML 2Page - Unisonic Technologies MMBTA06-AE3-R Datasheet HTML 3Page - Unisonic Technologies MMBTA06-AE3-R Datasheet HTML 4Page - Unisonic Technologies MMBTA06-AE3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MMBTA06
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R206-041,B
TYPICAL CHARACTERISTICS
Current-Gain Bandwidth Product
2.0
30
VCE=2.0V
TJ=25℃
3.05.07.010 20 30 50 70100200
50
70
100
200
300
Reverse Voltage, VR (V)
0.1 0.2 0.5 10 20 5.0 10 20 50100
6.0
8.0
20
40
80
Capacitance
10
60
TJ=25℃
Cibo
Cobo
Collector Current, IC (mA)
4.0
5.0
10
7.0
20 30 50
100
300 500
20
30
70
300
1.0K
Switching Time
50
500
tf
10
70
Collector Current, IC (mA)
100
200
700
ts
tr
VCC=40V
IC/IB=10
IB1=IB2
TJ=25℃td@VBE(off)=0.5V
Collector-Emitter Voltage, VCE (V)
700
1.0
5.0
20
Active-Region Safe Operating Area
TA=25℃
Current Limit
Thermal Limit
Second Breakdown Limit
MMBTA05
MMBTA06
TC=25℃
1.0ms
100µs
2.0 3.0
7.010
30 50 70100
10
20
30
50
70
100
200
300
500
1.0K
1.0s
0.5
40
1.0 2.03.0
10 20
50100200300
60
80
400
DC Current Gain
200
Collector Current, IC (mA)
5.0
30
500
100
-55℃
25℃
TJ=125℃
VCE=1.0V
0.5
0
1.0 2.0
10 20 50 100200
0.2
1.0
ON” Voltages
0.8
Collector Current, IC(mA)
5.0
500
0.4
VCE(SAT)@IC/IB=10
TJ=125℃
0.6
VBE(SAT)@IC/IB=10
VBE(ON)@VCE=1.0V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com