Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBTA13 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # MMBTA13
Description  DARLINGTON TRANSISTOR NPN EPITAXIAL SILICON TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MMBTA13 Datasheet(HTML) 2 Page - Unisonic Technologies

  MMBTA13 Datasheet HTML 1Page - Unisonic Technologies MMBTA13 Datasheet HTML 2Page - Unisonic Technologies MMBTA13 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UTC MMBTA13
NPN EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO., LTD. 2
QW-R206-006,B
TYPICAL CHARACTERISTICS
I(tot)
mA
0.1
10
100k
Current Gain & Collector Current
1
100
1000
10k
Collector Current (mA)
1000k
hFE@VCE=5V
I(tot)
mA
0.1
10
1000
On Voltage & Collector Current
1
100
1000
100
Collector Current (mA)
10000
VBE(on)@VCE=5V
I(tot)
mA
10
100
Cutoff Frequency & Collector Current
1
100
1000
10
Collector Current (mA)
1000
VCE=5V
I(tot)
mA
10
1000
Saturation Voltage & Collector Current
1100
1000
100
Collector Current (mA)
10000
VBE(sat)@IC=100IB
VCE(sat)@IC=100IB
I(tot)
mA
10
Capacitance & Reverse-Biased Voltage
1
100
1
Reverse-Biased Voltage(V)
10
Cob
I(tot)
mA
10
Safe Operating Area
1
100
1
Forward Voltage-VCE(V)
10
PT=100ms
1000
100
PT=1s
PT=1ms



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com