Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBTA42-AE3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # MMBTA42-AE3-R
Description  HIGH VOLTAGE RANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MMBTA42-AE3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  MMBTA42-AE3-R Datasheet HTML 1Page - Unisonic Technologies MMBTA42-AE3-R Datasheet HTML 2Page - Unisonic Technologies MMBTA42-AE3-R Datasheet HTML 3Page - Unisonic Technologies MMBTA42-AE3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
MMBTA42
NPN SILICON TRANSISTOR
www.unisonic.com.tw
1 of 4
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R206-004,C
HIGH VOLTAGE RANSISTOR
DESCRIPTION
The UTC MMBTA42 are high voltage transistors, designed for
telephone switch and high voltage switch.
FEATURES
* Collector-Emitter voltage: VCEO=300V
* High current gain
* Collector Dissipation: Pc (max) =350mW
* Pb-free plating product number: MMBTA42L
ORDERING INFORMATION
Order Number
Pin Assignment
Normal
Lead Free Plating
Package
1
2
3
Packing
MMBTA42-AE3-R
MMBTA42L-AE3-R
SOT-23
E
B
C
Tape Reel
MMBTA42L-AE3-R
(1)Packing Type
(2)Package Type
(3)Lead Plating
(1) R: Tape Reel
(2) AE3: SOT-23
(3) L: Lead Free Plating, Blank: Pb/Sn
MARKING
1D
Lead Plating


Similar Part No. - MMBTA42-AE3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MMBTA42-AE3-R UTC-MMBTA42-AE3-R Datasheet
64Kb / 3P
HIGH VOLTAGE TRANSISTOR
MMBTA42-AE3-R UTC-MMBTA42-AE3-R Datasheet
109Kb / 4P
HIGH VOLTAGE TRANSISTOR
MMBTA42-AE3-R UTC-MMBTA42-AE3-R Datasheet
64Kb / 3P
HIGH VOLTAGE TRANSISTOR
More results

Similar Description - MMBTA42-AE3-R

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1831 SANYO-2SA1831 Datasheet
87Kb / 3P
High-Voltage Amp, High-Voltage Switching
logo
EIC discrete Semiconduc...
RGP02-12E EIC-RGP02-12E_06 Datasheet
51Kb / 2P
HIGH VOLTAGE
logo
E-Tech Electronics LTD
GSC1384 ETL-GSC1384 Datasheet
403Kb / 3P
N P N E P I TA X I A L P L A N A R T RANSISTOR
logo
Winchester Electronics ...
231-510-0000G WINCHESTER-231-510-0000G Datasheet
39Kb / 1P
HIGH VOLTAGE
logo
Inchange Semiconductor ...
2SC5116 ISC-2SC5116 Datasheet
192Kb / 2P
High Voltage
BU932 ISC-BU932 Datasheet
197Kb / 2P
High Voltage
BUJ302A ISC-BUJ302A Datasheet
195Kb / 2P
High Voltage
logo
Texas Instruments
OPA544 TI1-OPA544_13 Datasheet
180Kb / 11P
High-Voltage, High-Current High-Voltage, High-Current
logo
Inchange Semiconductor ...
IRFP350LC ISC-IRFP350LC Datasheet
409Kb / 2P
isc N-Channel MOSFET ransistor
SIHFP350LC ISC-SIHFP350LC Datasheet
409Kb / 2P
isc N-Channel MOSFET ransistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com