Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBTA44L-AE3-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # MMBTA44L-AE3-R
Description  HIGH VOLTAGE TRANSISTOR NPN EPITAXIAL SILICON TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MMBTA44L-AE3-R Datasheet(HTML) 4 Page - Unisonic Technologies

  MMBTA44L-AE3-R Datasheet HTML 1Page - Unisonic Technologies MMBTA44L-AE3-R Datasheet HTML 2Page - Unisonic Technologies MMBTA44L-AE3-R Datasheet HTML 3Page - Unisonic Technologies MMBTA44L-AE3-R Datasheet HTML 4Page - Unisonic Technologies MMBTA44L-AE3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MMBTA44/45
NPN EPITAXIAL SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
4
www.unisonic.com.tw
QW-R206-007.B
ON voltage
10
1
10
2
10
3
10
0
10
-1
Collector Current, IC (mA)
Ta =25℃
0
0.2
0.4
0.6
0.8
1.0
VBE (sat ) , Ic/IB=10
VBE(ON),VCE=10V
VCE(sat ),Ic/IB=10
Collector saturation region
Base Current, IB (μA)
10
1
10
2
10
3
10
4
10
5
0
0.2
0.4
0.3
0.1
0.5
Ta=25℃
Ic =1mA
Ic=10mA
Ic=50mA
TYPICAL CHARACTERISTICS(cont.)
Collector current, IC ( mA)
Collector voltage (V)
10
1
10
2
10
3
10
0
10
-1
10
2
10
3
10
4
10
1
10
0
10
0
10
1
10
2
10
3
10
-1
10
0
10
1
10
2
High frequencycurrent gain
Safe operating area
VCE =10V
f=10MHz
Ta=25℃
10
4
Valid Duty
Cycle<10%
1s
1ms
0.1ms
MPSA44



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com