Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBTH10 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # MMBTH10
Description  RF TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MMBTH10 Datasheet(HTML) 2 Page - Unisonic Technologies

  MMBTH10 Datasheet HTML 1Page - Unisonic Technologies MMBTH10 Datasheet HTML 2Page - Unisonic Technologies MMBTH10 Datasheet HTML 3Page - Unisonic Technologies MMBTH10 Datasheet HTML 4Page - Unisonic Technologies MMBTH10 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MMBTH10
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R206-003,E
ABSOLUTE MAXIMUM RATING (Ta=25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-base voltage
VCBO
30
V
Collector-emitter voltage
VCEO
25
V
Emitter-base voltage
VEBO
3
V
Total Power Dissipation
PC
225
mW
Collector current
IC
50
mA
Junction Temperature
TJ
150
℃
Storage Temperature
TSTG
-55 ~ +150
℃
Note Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta=25℃, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector-Base Breakdown Voltage
BVCBO
IC=100μA
30
V
Collector-Emitter Breakdown Voltage
BVCEO
IC=1mA
25
V
Emitter-Base Breakdown Voltage
BVEBO
IE=10μA
3
V
Collector-Emitter Saturation Voltage
VCE(SAT)
IC=4mA, IB=400μA
500
mV
Base-Emitter on Voltage
VBE(ON)
VCE=10V, IC=4mA
950
mV
Collector Cut-off Current
ICBO
VCB=25V
100
nA
Emitter Cut-off Current
IEBO
VEB=2V
100
nA
DC Current Gain
hFE
VCE=10V, IC=4mA
60
Output Capacitance
Cob
VCB=10V, f=1MHZ
0.7
pF
Current Gain Bandwidth Product
fT
VCE=10V, IC=4mA, f=100MHz
650
MHz
CLASSIFICATION OF hFE
RANK
A
B
C
RANGE
60-100
90-130
120-200



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com