Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDSP16488AMAGCPR Datasheet(PDF) 3 Page - Zarlink Semiconductor Inc

Part # PDSP16488AMAGCPR
Description  Single Chip 2D Convolver with Integral Line Delays
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

PDSP16488AMAGCPR Datasheet(HTML) 3 Page - Zarlink Semiconductor Inc

  PDSP16488AMAGCPR Datasheet HTML 1Page - Zarlink Semiconductor Inc PDSP16488AMAGCPR Datasheet HTML 2Page - Zarlink Semiconductor Inc PDSP16488AMAGCPR Datasheet HTML 3Page - Zarlink Semiconductor Inc PDSP16488AMAGCPR Datasheet HTML 4Page - Zarlink Semiconductor Inc PDSP16488AMAGCPR Datasheet HTML 5Page - Zarlink Semiconductor Inc PDSP16488AMAGCPR Datasheet HTML 6Page - Zarlink Semiconductor Inc PDSP16488AMAGCPR Datasheet HTML 7Page - Zarlink Semiconductor Inc PDSP16488AMAGCPR Datasheet HTML 8Page - Zarlink Semiconductor Inc PDSP16488AMAGCPR Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
PDSP16488A MA
3
TYPE
INPUT
I/O
INPUT
INPUT
DUAL
FUNCTION
OUTPUT
OUTPUT
INPUT
OUTPUT
I/O
INPUT
INPUT
I/O
INPUT
OUTPUT
OUTPUT
INPUT
INPUT
INPUT
INPUT
OUTPUTS
OUTPUTS
SUPPLY
DESCRIPTION
Pixel data input to the first line delay. [most significant byte in 16 bit mode]
Pixel data input to the second group of line delays. [least significant byte in 16bit mode]. Alternatively
an output from the last line delay when the appropriate mode bit is set.
The first line delay in the first group is bypassed when this input is active. (High). No internal pull up.
Resets the line delay address pointers when high. Normally the composite sync signal in real time
applications. In non real time systems it defines a frame store update period, when low.
Address/data connections from a MASTER or SINGLE device to the external coefficient source, with
X15 defining EPROM or Host support. Otherwise they provide the expansion data input.
Signed 16 bit scaled data or multiplexed 32 bit intermediate data. During intermediate transfers the
most significant half is valid when the clock is low, and the least significant half when clock is high.
During programming a MASTER device outputs a timing strobe on this pin. This is passed down the
chain in a multiple device system, using the
PC0 input on the next device.
This pin is used in conjunction with
PC1 in multiple device systems. It terminates the write strobe from
a MASTER device which is EPROM supported.
This output provides a version of the HRES input which has been delayed by an amount defined by
the user.
The data strobe from a host computer. Active low. This pin will be an output from an EPROM supported
MASTER device which provides strobes to the remaining devices.
An active low enable which is internally gated with R/
W and DS to perform reads or writes to the
internal registers. In a SINGLE or MASTER device, which is supported from an EPROM, the bottom
72 addresses are always used and CE is not needed.
CE can then be used to initiate a new register
load sequence after the power on load sequence.
Read / not write line from the host CPU. When an EPROM is used this pin should be tied low.
This pin is normally an input which signifies that registers are to be changed or examined. It is,
however, an output from an EPROM supported SINGLE or MASTER device indicating to the rest of
the system that registers are being updated.
Clock. All events are triggered on the rising edge of the clock, except the latching of least significant
expansion inputs . Internally the clock can be multiplied by two or four in order to increase the effective
number of multipliers.
This output indicates the result from the internal comparison. A high value indicates that the pixel
was greater than the internal threshold. The output is only valid from the last device in a chain.
When high this output indicates that there has been a gain control overflow.
Active low power on reset signal.
Tied to ground to indicate a SINGLE device system. Internal pull up resistor.
Tied to ground to indicate the MASTER device in a multiple device system. Must be left open circuit
in a SINGLE device system. Internal pull up.
Output enable signal. Active low.
Four address bits from a MASTER specifying one of sixteen devices in a multiple device system. Must
be externally decoded to provide chip enables for the additional devices.
These bits indicate the field selection given by the auto select logic. The same coding as that used
for Control Register bits C5:4 is used.
Four Power and ground pairs. All must be connected.
NAME
IP7:0
L7:0
BYPASS
HRES
X15:0
D15:0
PC1
PC0
DELOP
DS
CE
R/ W
PROG
CLK
BIN
OV
RES
SINGLE
MASTER
OEN
CS3:0
F1:0
VCC / GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com