Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD106WSL-CB2-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # SD106WSL-CB2-R
Description  SCHOTTKY DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

SD106WSL-CB2-R Datasheet(HTML) 2 Page - Unisonic Technologies

  SD106WSL-CB2-R Datasheet HTML 1Page - Unisonic Technologies SD106WSL-CB2-R Datasheet HTML 2Page - Unisonic Technologies SD106WSL-CB2-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SD106WS
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R601-010,A
ABSOLUTE MAXIMUM RATINGS (Single Diode @TA=25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Maximum non-repetitive Peak Reverse Voltage
VRM
30
V
Peak Forward Current
IFM
200
mA
Non-repetitive Peak Forward Surge Current @ tp=10ms
IFSM
1
A
Power Dissipation
PD
250
mW
Junction Temperature
TJ
150
℃
Storage Temperature
TSTG
-65~+150
℃
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Thermal Resistance Junction to Ambient
θJA
500
/W
℃
ELECTRICAL CHARACTERISTICS (TA=25℃)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
IF=2mA
260
mV
IF=15mA
320
mV
IF=100mA
420
mV
Forward Voltage
VF
IF=200mA
490
550
mV
Reverse Breakdown Voltage
BVR
IR=100µA
30
V
Peak Reverse Leakage Current
IR
VR=30V
5
µA
Typical Junction Capacitance
CT
VR=10V, f=1MHz
50
15
pF



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com