Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT86 Datasheet(PDF) 4 Page - ON Semiconductor

Part # 74ACT86
Description  Quad 2?묲nput Exclusive?뭀R Gate
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74ACT86 Datasheet(HTML) 4 Page - ON Semiconductor

  74ACT86 Datasheet HTML 1Page - ON Semiconductor 74ACT86 Datasheet HTML 2Page - ON Semiconductor 74ACT86 Datasheet HTML 3Page - ON Semiconductor 74ACT86 Datasheet HTML 4Page - ON Semiconductor 74ACT86 Datasheet HTML 5Page - ON Semiconductor 74ACT86 Datasheet HTML 6Page - ON Semiconductor 74ACT86 Datasheet HTML 7Page - ON Semiconductor 74ACT86 Datasheet HTML 8Page - ON Semiconductor 74ACT86 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MC74AC86, MC74ACT86
http://onsemi.com
4
CAPACITANCE
Symbol
Parameter
Value
Typ
Unit
Test Conditions
CIN
Input Capacitance
4.5
pF
VCC = 5.0 V
CPD
Power Dissipation Capacitance
35
pF
VCC = 5.0 V
ORDERING INFORMATION
Device
Package
Shipping†
MC74AC86N
PDIP−14
25 Units / Rail
MC74AC86NG
PDIP−14
(Pb−Free)
MC74ACT86N
PDIP−14
MC74ACT86NG
PDIP−14
(Pb−Free)
MC74AC86D
SOIC−14
55 Units / Rail
MC74AC86DG
SOIC−14
(Pb−Free)
MC74AC86DR2
SOIC−14
2500 / Tape & Reel
MC74AC86DR2G
SOIC−14
(Pb−Free)
MC74ACT86D
SOIC−14
55 Units / Rail
MC74ACT86DG
SOIC−14
(Pb−Free)
MC74ACT86DR2
SOIC−14
2500 / Tape & Reel
MC74ACT86DR2G
SOIC−14
(Pb−Free)
MC74AC86DTR2
TSSOP−14*
MC74ACT86DTR2
TSSOP−14*
MC74ACT86MEL
SOEIAJ−14
2000 / Tape & Reel
MC74ACT86MELG
SOEIAJ−14
(Pb−Free)
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*This package is inherently Pb−Free.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com