Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT74 Datasheet(PDF) 2 Page - ON Semiconductor

Part # 74ACT74
Description  Dual D?뭈ype Positive Edge?뭈riggered Flip?묯lop
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74ACT74 Datasheet(HTML) 2 Page - ON Semiconductor

  74ACT74 Datasheet HTML 1Page - ON Semiconductor 74ACT74 Datasheet HTML 2Page - ON Semiconductor 74ACT74 Datasheet HTML 3Page - ON Semiconductor 74ACT74 Datasheet HTML 4Page - ON Semiconductor 74ACT74 Datasheet HTML 5Page - ON Semiconductor 74ACT74 Datasheet HTML 6Page - ON Semiconductor 74ACT74 Datasheet HTML 7Page - ON Semiconductor 74ACT74 Datasheet HTML 8Page - ON Semiconductor 74ACT74 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MC74AC74, MC74ACT74
http://onsemi.com
2
TRUTH TABLE (Each Half)
Inputs
Outputs
SD
CD
CP
D
Q
Q
L
H
X
X
H
L
H
L
X
X
L
H
L
L
X
X
H
H
H
H
H
H
L
H
H
L
L
H
H
H
L
X
Q0
Q0
NOTE: H = HIGH Voltage Level
L = LOW Voltage Level
X = Immaterial;
= LOW-to-HIGH Clock Transition
Q0(Q0) = Previous Q(Q) before LOW-to-HIGH
Transition of Clock
Figure 2. Logic Symbol
SD1
Q1
CP1
Q1
CD1
SD2
Q2
D2 CP2
Q2
CD2
D1
SD
D
CP
CD
Q
Q
Figure 3. Logic Diagram
NOTE: This diagram is provided only for the understanding of
logic operations and should not be used to estimate
propagation delays.
MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage (Referenced to GND)
−0.5 to +7.0
V
Vin
DC Input Voltage (Referenced to GND)
−0.5 to VCC +0.5
V
Vout
DC Output Voltage (Referenced to GND)
−0.5 to VCC +0.5
V
Iin
DC Input Current, per Pin
±20
mA
Iout
DC Output Sink/Source Current, per Pin
±50
mA
ICC
DC VCC or GND Current per Output Pin
±50
mA
Tstg
Storage Temperature
−65 to +150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com