Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7053AL-S16-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # TDA7053AL-S16-R
Description  STEREO BTL AUDIO OUTPUT AMPLIFIER WITH DC VOLUME CONTROL
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TDA7053AL-S16-R Datasheet(HTML) 1 Page - Unisonic Technologies

  TDA7053AL-S16-R Datasheet HTML 1Page - Unisonic Technologies TDA7053AL-S16-R Datasheet HTML 2Page - Unisonic Technologies TDA7053AL-S16-R Datasheet HTML 3Page - Unisonic Technologies TDA7053AL-S16-R Datasheet HTML 4Page - Unisonic Technologies TDA7053AL-S16-R Datasheet HTML 5Page - Unisonic Technologies TDA7053AL-S16-R Datasheet HTML 6Page - Unisonic Technologies TDA7053AL-S16-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
TDA7053A
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 7
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R107-022,B
STEREO BTL AUDIO OUTPUT
AMPLIFIER WITH DC VOLUME
CONTROL
DESCRIPTION
The UTC TDA7053A is stereo BTL output amplifiers with DC
volume control and specially is designed for use in TV and monitors,
but are also suitable for battery-fed portable recorders and radios.
Different packages are supplied for different output power, DIP-16
for 2×1W and SOP-16 for 2×0.5W.
FEATURES
* DC volume control
* Few external components
* Mute mode
* Thermal protection
* Short-circuit proof
* No switch-on and switch-off clicks
* Good overall stability
* Low power consumption
* Low HF radiation
* ESD protected on all pins.
DIP-16
SOP-16
*Pb-free plating product number: TDA7053AL
ORDERING INFORMATION
Order Number
Normal
Lead Free Plating
Package
Packing
TDA7053A-D16-T
TDA7053AL-D16-T
DIP-16
Tube
TDA7053A-S16-R
TDA7053AL-S16-R
SOP-16
Tape Reel
TDA7053A-S16-T
TDA7053AL-S16-T
SOP-16
Tube


Similar Part No. - TDA7053AL-S16-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TDA7053AL-D16-T UTC-TDA7053AL-D16-T Datasheet
268Kb / 7P
STEREO BTL AUDIO OUTPUT AMPLIFIER WITH DC VOLUME CONTROL
More results

Similar Description - TDA7053AL-S16-R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA7052B PHILIPS-TDA7052B Datasheet
111Kb / 16P
Mono BTL audio amplifier with DC volume control
1997 Aug 15
TDA7053A PHILIPS-TDA7053A Datasheet
117Kb / 16P
Stereo BTL audio output amplifier with DC volume control
1997 Jul 15
TDA7056A PHILIPS-TDA7056A Datasheet
58Kb / 9P
3 W BTL mono audio output amplifier with DC volume control
July 1994
TDA7057AQ PHILIPS-TDA7057AQ Datasheet
116Kb / 16P
2 x 8 W stereo BTL audio output amplifier with DC volume control
1998 Apr 07
logo
Integral Corp.
ILA7056B INTEGRAL-ILA7056B Datasheet
390Kb / 7P
5 W MONO BTL AUDIO AMPLIFIER WITH DC VOLUME CONTROL
logo
Unisonic Technologies
PA7468 UTC-PA7468 Datasheet
216Kb / 6P
STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
PA7469 UTC-PA7469_15 Datasheet
322Kb / 12P
STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TDA7053A UTC-TDA7053A_15 Datasheet
268Kb / 7P
STEREO BTL AUDIO OUTPUT AMPLIFIER WITH DC VOLUME CONTROL
logo
Global Mixed-mode Techn...
G1450 GMT-G1450 Datasheet
84Kb / 1P
2.4W Stereo Audio Amplifier with DC Volume Control
logo
Unisonic Technologies
TDA7052A UTC-TDA7052A Datasheet
164Kb / 5P
1W BTL MONO AUDIO AMPLIFIER WITH DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com