Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM603S-AF5-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UM603S-AF5-R
Description  OPERATIONAL AMPLIFIERS WITH 2.5V SHUNT REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UM603S-AF5-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UM603S-AF5-R Datasheet HTML 1Page - Unisonic Technologies UM603S-AF5-R Datasheet HTML 2Page - Unisonic Technologies UM603S-AF5-R Datasheet HTML 3Page - Unisonic Technologies UM603S-AF5-R Datasheet HTML 4Page - Unisonic Technologies UM603S-AF5-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UM603S
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R105-033,A
ABSOLUTE MAXIMUM RATINGS (Ta = 25 )
℃
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.3 ~ +20
V
Recommended Operating Voltage
VOPR
+4 ~ +20
V
Allowable loss
PD
250
mW
Operating Temperature
TOPR
-25 ~ +85
℃
Storage Temperature
TSTG
-40 ~ +125
℃
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (VCC=5V, Ta=25℃, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Current Consumption
ICC
INA=0V, INB=0V, RL=∞
1.2
1.7
mA
A Amplifier
Output Inverting Voltage
VA
INA =0V, RL=4.3k
2.45
2.50
2.55
V
Output Sink Current
IO(SINK A) INB =2.7V, INA =0V, VOUT=1.5V
5
mA
Input Bias Current
II(BIAS A) INA =0V, RL=4.3k
50
140
nA
PSRR
PSRR(A) INA =0V, RL=4.3k
62
dB
B Amplifier
Output Inverting Voltage
VB
INB =0V, RL=4.3k
152
160
mV
Output Sink Current
IO(SINK B) INB =0V, INA=0.17V, VOUT=1.5V
5
mA
Input Bias Current
II(BIAS B) INB =0V, RL=4.3k
50
140
nA
PSRR
PSRR(B) INB =0V, RL=4.3k
65
dB



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com