Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXGA150N33TC Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXGA150N33TC
Description  Trench Gate High Speed
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGA150N33TC Datasheet(HTML) 2 Page - IXYS Corporation

  IXGA150N33TC Datasheet HTML 1Page - IXYS Corporation IXGA150N33TC Datasheet HTML 2Page - IXYS Corporation IXGA150N33TC Datasheet HTML 3Page - IXYS Corporation IXGA150N33TC Datasheet HTML 4Page - IXYS Corporation IXGA150N33TC Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXGQ150N33TCD1 IXGA150N33TC
IXGQ150N33TC
Reverse Diode
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Symbol
Test Conditions
Min.
Typ.
Max.
V
F
I
F = 20A, VGE = 0V
2.0
V
R
thJC
2.5 ºC/W
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,850,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Note 1: Pulse test, t
≤ 300μs; duty cycle, d ≤ 2%.
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Min.
Typ.
Max.
g
fs
I
C
= 75A, V
CE = 10V, Note 1
65
103
S
C
ies
4270
pF
C
oes
V
CE = 25 V, VGE = 0 V, f = 1 MHz
308
pF
C
res
49
pF
Q
g
118
nC
Q
ge
I
C = 75A, VGE = 15V, VCE = 0.5 • VCES
25
nC
Q
gc
25
nC
t
d(on)
17
ns
t
ri
29
ns
t
d(off)
42
ns
t
fi
54
ns
t
d(on)
17
ns
t
ri
25
ns
t
d(off)
59
ns
t
fi
73
ns
R
thJC
0.42 °C/W
R
thCH
TO-3P
0.25
°C/W
Resistive load, T
J = 25°
°°°°C
I
C = 75A, VGE = 15V
V
CE = 240V, RG = Roff = 3.3Ω
Resistive load, T
J = 125°
°°°°C
I
C = 75A, VGE = 15V
V
CE = 240V, RG = Roff = 3.3Ω
TO-263 (IXGA) Outline
TO-3P (IXGQ) Outline
Pins: 1 - Gate
2 - Drain
3 - Source 4, TAB - Drain



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com