Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P1856-AA3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # P1856-AA3-R
Description  HIGH CURRENT TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

P1856-AA3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  P1856-AA3-R Datasheet HTML 1Page - Unisonic Technologies P1856-AA3-R Datasheet HTML 2Page - Unisonic Technologies P1856-AA3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UP1856
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R207-014,B
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
-220
V
Collector-Emitter Voltage
VCEO
-200
V
Emitter-Base Voltage
VEBO
-6
V
Peak Pulse Current
IC(PEAK)
-5
A
Continuous Collector Current
IC
-2
A
Power Dissipation at Ta=25°C
PD
1
W
Junction Temperature
TJ
+150
℃
Storage Temperature
TSTG
-40 ~ +150
℃
Note Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta = 25℃ unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector-Emitter Breakdown Voltage
BVCEO
IC= -10mA, IB=0 (Note)
-200
-240
V
Collector-Base Breakdown Voltage
BVCBO
IC= -0.1mA, IE=0
-220
-300
V
Emitter-Base Breakdown Voltage
BVEBO
IE= -0.1mA, IC=0
-6
-8
V
IC= -100mA, IB= -10mA
-30
-50
mV
IC= -1A, IB= -100mA
-120
-165
mV
Collector-Emitter Saturation Voltage(Note)
VCE(SAT)
IC= -2A, IB=-400mA
-168
-275
mV
Base-Emitter Saturation Voltage
VBE(SAT)
IC=-2A, IB=-400mA
-970
-1110
mV
Base-Emitter Turn-On Voltage
VBE(ON)
IC=-2A, VCE=-5V (Note)
-810
-950
mV
Collector Cut-Off Current
ICBO
VCB=-200V, IE=0
-50
nA
Emitter Cut-Off Current
IEBO
VEB=-6V, IC=0
-10
nA
hFE1
IC=-10mA, VCE=-5V
100
200
300
hFE2
IC=-1A, VCE=-5V
100
200
hFE3
IC=-2A, VCE=-5V
50
150
DC Current Gain (Note)
hFE4
IC=-5A, VCE=-5V
10
Transition Frequency
fT
IC=-100mA, VCE=-10V
f=50MHz
110
MHz
Output Capacitance
Cob
VCB=-20V, f=1MHz
32
pF
Turn-on Time
tON
67
ns
Turn-off Time
tOFF
IC=-1A, IB1=-100mA
IB2=100mA, VCC=-50V
1140
ns
Note: Pulsed test: duty cycle ≤ 2%, tP =300µsec.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com