Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UP2518L-AE3-6-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UP2518L-AE3-6-R
Description  LOW VCE(SAT) PNP SILICON POWER TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UP2518L-AE3-6-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UP2518L-AE3-6-R Datasheet HTML 1Page - Unisonic Technologies UP2518L-AE3-6-R Datasheet HTML 2Page - Unisonic Technologies UP2518L-AE3-6-R Datasheet HTML 3Page - Unisonic Technologies UP2518L-AE3-6-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UP2518
PNP EPITAXIAL SILICON TRANSISTOR
www.unisonic.com.tw
1 of 4
Copyright © 2005 Unisonic Technologies Co., LTD
QW-R206-083,A
LOW VCE(SAT) PNP SILICON
POWER TRANSISTORS
FEATURES
* Extremely
low collector-emitter saturation voltage VCE(SAT) and
corresponding extremely low equivalent on-resistance RCE(SAT)
(97mΩ at 1.5A)
*
High collector current capability(1.5A)
* High peak pulse current up to 6A
*
High collector current gain
SOT-23
1
2
3
*Pb-free plating product number: UP2518L
PIN CONFIGURATION
PIN NO.
PIN NAME
1
EMITTER
2
BASE
3
COLLECTOR
ORDERING INFORMATION
Order Number
Normal
Lead Free Plating
Package
Packing
UP2518-AE3-6-R
UP2518L-AE3-6-R
SOT-23
Tape Reel
MARKING INFORMATION
Y18


Similar Part No. - UP2518L-AE3-6-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UP2518L-AE3-R UTC-UP2518L-AE3-R Datasheet
114Kb / 3P
LOW VCE(SAT) PNP SILICON POWER TRANSISTORS
UP2518L-AE3-R UTC-UP2518L-AE3-R Datasheet
114Kb / 3P
POWER TRANSISTORS
More results

Similar Description - UP2518L-AE3-6-R

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CZT7090L CENTRAL-CZT7090L Datasheet
74Kb / 2P
SURFACE MOUNT LOW VCE(SAT) PNP SILICON POWER TRANSISTO
logo
Taiwan Semiconductor Co...
TSB1184 TSC-TSB1184 Datasheet
45Kb / 3P
Low Vce(sat) PNP Transistor
logo
Central Semiconductor C...
CXT7090L CENTRAL-CXT7090L_10 Datasheet
360Kb / 2P
SURFACE MOUNT LOW VCE(SAT) PNP SILICON POWER TRANSISTOR
CYT7090LD CENTRAL-CYT7090LD Datasheet
547Kb / 2P
SURFACE MOUNT DUAL, ISOLATED LOW VCE(SAT) PNP SILICON POWER TRANSISTORS
logo
Unisonic Technologies
UP2518 UTC-UP2518_09 Datasheet
114Kb / 3P
LOW VCE(SAT) PNP SILICON POWER TRANSISTORS
logo
Central Semiconductor C...
CXT7090L CENTRAL-CXT7090L_15 Datasheet
360Kb / 2P
SURFACE MOUNT LOW VCE(SAT) PNP SILICON POWER TRANSISTOR
logo
Leshan Radio Company
LBSS5240P3T1G LRC-LBSS5240P3T1G Datasheet
1Mb / 5P
-40V,-2A Low VCE(sat) PNP Silicon
logo
Pan Jit International I...
2SB1429 PANJIT-2SB1429 Datasheet
313Kb / 5P
PNP Low Vce(sat) Transistor
November 4,2016-REV.00
PBHV9110DW PANJIT-PBHV9110DW Datasheet
408Kb / 6P
PNP Low Vce(sat) Transistor
January 18,2019-REV.00
PBHV9110DW-AU PANJIT-PBHV9110DW-AU Datasheet
408Kb / 6P
PNP Low Vce(sat) Transistor
January 18,2019-REV.00
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com