Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UR5516-S08-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # UR5516-S08-R
Description  3A BUS TERMINATION REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UR5516-S08-R Datasheet(HTML) 6 Page - Unisonic Technologies

  UR5516-S08-R Datasheet HTML 1Page - Unisonic Technologies UR5516-S08-R Datasheet HTML 2Page - Unisonic Technologies UR5516-S08-R Datasheet HTML 3Page - Unisonic Technologies UR5516-S08-R Datasheet HTML 4Page - Unisonic Technologies UR5516-S08-R Datasheet HTML 5Page - Unisonic Technologies UR5516-S08-R Datasheet HTML 6Page - Unisonic Technologies UR5516-S08-R Datasheet HTML 7Page - Unisonic Technologies UR5516-S08-R Datasheet HTML 8Page - Unisonic Technologies UR5516-S08-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
UR5516
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 9
www.unisonic.com.tw
QW-R101-015,B
APPLICATIONS CIRCUIT
1.
General Application
VCNTL
VIN
GND VOUT
VREF
VOUT
1.2V/-2 ~ +1.8A
COUT
100uF
CCNTL
1uF
GND
CSS
0.1uF
VREF
CIN
22uF
R1
1k
GND
VIN
+1.8V
VCNTL
+5V
R2
1k
VREFIN
+1.8V
VOUT = VREFIN·(V)
R2
R1+R2
2.
For VOUT=1.25V/0.9V
VCNTL
VIN
GND VOUT
VREF
VOUT
+1.25V/0.9V
-3 ~ +3A
COUT
470uF
CCNTL
47uF
GND
CSS
0.1uF
VREF
CIN
470uF
R1
1k
R2
1k
Q1
GND
Shutdown
VIN
+2.5V/1.8V
VCNTL
+3.3V
COUT : 470μF, ESR=25mΩ
R 1, R2 : 1kΩ, 1%
Q 1 : APM2300 AC
Note : Since R1 and R2 are very small, the voltage offset
caused by the bias current of V REF can be ignore.
3.
For VOUT=1.4V
VCNTL
VIN
GND VOUT
VREF
VOUT
+1.4V/
-3 ~ +3A
COUT
470uF
CCNTL
47uF
GND
CSS
0.1uF
VREF
CIN
470uF
R1
1k
R2
1k
GND
VIN
+2.8V
VCNTL
+5V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com