Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UR5515-TN5-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # UR5515-TN5-R
Description  1.5A/3A BUS TERMINATION REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UR5515-TN5-R Datasheet(HTML) 6 Page - Unisonic Technologies

  UR5515-TN5-R Datasheet HTML 1Page - Unisonic Technologies UR5515-TN5-R Datasheet HTML 2Page - Unisonic Technologies UR5515-TN5-R Datasheet HTML 3Page - Unisonic Technologies UR5515-TN5-R Datasheet HTML 4Page - Unisonic Technologies UR5515-TN5-R Datasheet HTML 5Page - Unisonic Technologies UR5515-TN5-R Datasheet HTML 6Page - Unisonic Technologies UR5515-TN5-R Datasheet HTML 7Page - Unisonic Technologies UR5515-TN5-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
UR5515
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 8
www.unisonic.com.tw
QW-R502-056,A
TYPICAL CHARACTERISTICS
Sourcing Current(Peak) vs. Temperature
Temperature (℃)
8.0
6.0
2.0
-40
4.0
0
VCNTL=3.3V
VIN =2.5V
VOUT=1.25V
7.0
5.0
3.0
1.0
0.0
-20
20
40
60 80 100 120
VCNTL=3.3V
VIN =2.5V
VOUT=1.25V
Sinking Current(Peak) vs.Temperature
Temperature (℃)
8.0
6.0
2.0
-40
4.0
0
7.0
5.0
3.0
1.0
0.0
-20
20
40
60
80 100 120
VCNTL=3.3V
VIN=2.5V
700
650
600
550
500
450
400
-40
Temperature(℃)
0
-20
20
40
60 80 100 120
Turn-On Threshold vs. Temperature
VCNTL=5.0V
VIN=2.5V
700
650
600
550
500
450
400
-40
0
-20
20
40
60
80 100 120
Turn-On Threshold vs. Temperature
Temperature(℃)
Temperature
(?
VCNTL=3.3V
Swing Frequency =1kHz
VREF =1.25V
VIN=2.5V
100
50
0
-50
2
1
0
-1
-2
1.25VTT @1.5A Transient Response
Time (250μS/Div)
VCNTL=3.3V
Swiing Frequency=1kHz
VREF=1.25V
VIN=2.5V
1.25VTT @3A Transient Response
Time (250μS /Div)
100
50
0
-50
4
2
0
-2
-4
T
T
T
T



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com