Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UR5515-TQ5-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UR5515-TQ5-R
Description  1.5A/3A BUS TERMINATION REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UR5515-TQ5-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UR5515-TQ5-R Datasheet HTML 1Page - Unisonic Technologies UR5515-TQ5-R Datasheet HTML 2Page - Unisonic Technologies UR5515-TQ5-R Datasheet HTML 3Page - Unisonic Technologies UR5515-TQ5-R Datasheet HTML 4Page - Unisonic Technologies UR5515-TQ5-R Datasheet HTML 5Page - Unisonic Technologies UR5515-TQ5-R Datasheet HTML 6Page - Unisonic Technologies UR5515-TQ5-R Datasheet HTML 7Page - Unisonic Technologies UR5515-TQ5-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
UR5515
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 8
www.unisonic.com.tw
QW-R502-056,A
TEST CIRCUITS
VIN
VCNTL
VREF
GND
VOUT
UTC
UR5515
V
VOUT
COUT
IL
1.25V
2.5V
3.3V
VIN
VCNTL
VREF
GND
VOUT
UTC
UR5515
V
VOUT
COUT
1.25V
2.5V
3.3V
V
0.2V
RL
RLand COUT
Time delay
Fig 2. Current in Shutdown Mode, ISHCLN
Fig1. Output Voltage Tolerance, △ VOUT
1.25V
0V
VIN
VCNTL
VREF
GND
VOUT
UTC
UR5515
V
VOUT
COUT
IL
1.25V
2.5V
3.3V
Fig 3. Current Limit for HIgh Side, ICLHIGH
A
VIN
VCNTL
VREF
GND
VOUT
UTC
UR5515
V
VOUT
COUT
IL
1.25V
2.5V
3.3V
Fig 4. Current Limit for Low Side, ICLLOW
A
Power supply
with current limit
VIN
VCNTL
VREF
GND
VOUT
V
VOUT
COUT
1.25V
2.5V
3.3V
0.2V
RL
RLand COUT
Time delay
Fig 5. VREF Pin Shutdown Threshold Voltage
0V
1.25V
VREF
VOUT
VOUT would be low if VREF <0.2V
VOUT would be high if VREF >0.8V
UTC
UR5515



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com