Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF20200CT Datasheet(PDF) 1 Page - SMC Diode Solutions Co. LTD

Part # MBRF20200CT
Description  MBRF20200CT (CTR) SCHOTTKY RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

MBRF20200CT Datasheet(HTML) 1 Page - SMC Diode Solutions Co. LTD

  MBRF20200CT Datasheet HTML 1Page - SMC Diode Solutions Co. LTD MBRF20200CT Datasheet HTML 2Page - SMC Diode Solutions Co. LTD MBRF20200CT Datasheet HTML 3Page - SMC Diode Solutions Co. LTD MBRF20200CT Datasheet HTML 4Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data
Data Sheet N0131, Rev. D
 China - Germany - Korea - Singapore - United States 
 http://www.smc-diodes.com - sales@ smc-diodes.com 
MBRF20200CT(CTR)
MBRF20200CT (CTR) SCHOTTKY RECTIFIER
Characteristics
Symbol
Condition
Typ.
Max.
Units
Forward Voltage Drop(Per Leg)*
VF1
@10A, Pulse, TJ = 25 C
0.85
0.95
V
VF2
@10A, Pulse, TJ = 125 C
0.75
0.85
V
Reverse Current(Per Leg)*
IR1
@VR = rated VR, TJ = 25 C
0.001
1.0
mA
IR2
@VR = rated VR, TJ = 125 C
0.03
50
mA
Junction Capacitance(Per Leg)
CT
@VR = 5V, TC = 25 C, fSIG = 1MHz
110
300
pF
Series Inductance(Per Leg)
LS
Measured lead to lead 5 mm from
package body
8.0
-
nH
Voltage Rate of Change
dv/dt
-
-
10,000
V/s
RSM Isolation Voltage
(t = 1.0 second, R. H. < =30%,
TA = 25 C)
VISO
Clip mounting, the epoxy body away
from the heatsink edge by more than
0.110" along the lead direction.
-
4500
V
Clip mounting, the epoxy body is inside
the heatsink.
-
3500
Screw mounting, the epoxy body is inside
the heatsink.
-
1500
* Pulse width < 300 µs, duty cycle < 2%
Features
Circuit Diagram
Applications
Maximum Ratings:
Characteristics
Symbol
Condition
Max.
Units
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
-
200
V
Average Rectified Forward Current
IF (AV)
50% duty cycle @Tc=105°C, rectangular
wave form
10(Per Leg)
A
20(Per Device)
Peak One Cycle Non-Repetitive
Surge Current(Per Leg)
IFSM
8.3ms, Half Sine pulse
150
A
Electrical Characteristics:
175C TJ operation
Center tap configuration
Low forward voltage drop
High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
High frequency operation
Guard ring for enhanced ruggedness and long term
reliability
This is a Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request
Switching power supply
Converters
Free-Wheeling diodes
Reverse battery protection
ITO-220AB
MBRF20200CT
MBRF20200CTR


Similar Part No. - MBRF20200CT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBRF20200CT MOTOROLA-MBRF20200CT Datasheet
82Kb / 4P
SWITCHMODE??Schottky Power Rectifirer
logo
Taiwan Semiconductor Co...
MBRF20200CT TSC-MBRF20200CT Datasheet
122Kb / 2P
Isolation 20.0 AMPS. Schottky Barrier Rectifiers
logo
KEC(Korea Electronics)
MBRF20200CT KEC-MBRF20200CT Datasheet
439Kb / 2P
SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION
logo
Diotech Company.
MBRF20200CT DIOTECH-MBRF20200CT Datasheet
871Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
ON Semiconductor
MBRF20200CT ONSEMI-MBRF20200CT Datasheet
101Kb / 4P
SWITCHMODE Schottky Power Rectifier
August, 2008 ??Rev. 7
More results

Similar Description - MBRF20200CT

ManufacturerPart #DatasheetDescription
logo
SMC Diode Solutions Co....
MBRF1080CT SMCDIODE-MBRF1080CT Datasheet
308Kb / 4P
MBRF1080CT (CTR) SCHOTTKY RECTIFIER
Rev. A
MBRF1530CT SMCDIODE-MBRF1530CT Datasheet
303Kb / 4P
MBRF1530CT(CTR) SCHOTTKY RECTIFIER
Rev. A
MBRF10150CT SMCDIODE-MBRF10150CT Datasheet
476Kb / 4P
MBRF10150CT (CTR) SCHOTTKY RECTIFIER
Rev. B
SDURF1020CT SMCDIODE-SDURF1020CT Datasheet
327Kb / 4P
SDURF1020CT(CTR) ULTRAFAST RECTIFIER
Rev. B
SDURF1040CT SMCDIODE-SDURF1040CT Datasheet
891Kb / 5P
SDURF1040CT(CTR) ULTRAFAST RECTIFIER
Rev. C
SDURF10H60CT SMCDIODE-SDURF10H60CT Datasheet
504Kb / 6P
SDURF10H60CT(CTR) ULTRAFAST RECTIFIER
Rev. C
SDURF1530CT SMCDIODE-SDURF1530CT Datasheet
265Kb / 4P
SDURF1530CT/CTR ULTRAFAST RECTIFIER
Rev. A
SDURF1640CT SMCDIODE-SDURF1640CT Datasheet
257Kb / 4P
SDURF1640CT(CTR) ULTRAFAST RECTIFIER
Rev. A
SDURF3020CT SMCDIODE-SDURF3020CT Datasheet
256Kb / 4P
SDURF3020CT(CTR) ULTRAFAST RECTIFIER
Rev. A
SDURF3040CT SMCDIODE-SDURF3040CT Datasheet
269Kb / 4P
SDURF3040CT(CTR) ULTRAFAST RECTIFIER
Rev. B
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com