Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US3026AL-S08-R Datasheet(PDF) 10 Page - Unisonic Technologies

Part # US3026AL-S08-R
Description  DUAL-CHANNEL USB POWER SWITCH AND OVER-CURRENT PROTECTION
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US3026AL-S08-R Datasheet(HTML) 10 Page - Unisonic Technologies

Back Button US3026AL-S08-R Datasheet HTML 3Page - Unisonic Technologies US3026AL-S08-R Datasheet HTML 4Page - Unisonic Technologies US3026AL-S08-R Datasheet HTML 5Page - Unisonic Technologies US3026AL-S08-R Datasheet HTML 6Page - Unisonic Technologies US3026AL-S08-R Datasheet HTML 7Page - Unisonic Technologies US3026AL-S08-R Datasheet HTML 8Page - Unisonic Technologies US3026AL-S08-R Datasheet HTML 9Page - Unisonic Technologies US3026AL-S08-R Datasheet HTML 10Page - Unisonic Technologies US3026AL-S08-R Datasheet HTML 11Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
US3026A
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
10 of 11
www.unisonic.com.tw
QW-R502-086,A
TYPICAL CHARACTERISTICS(Cont.)
VIN
(2V/Div)
(200µs/Div)
VIN=5V, CIN=1µF,
COUT=1µF, RL=10Ω
VOUT
(2V/Div)
Turn-On Response (VIN vs. VOUT)
VIN
(2V/Div)
(100µs/Div)
VIN=5V, CIN=1µF,
COUT=1µF, RL=10Ω
VOUT
(2V/Div)
Turn-Off Response (VIN vs. VOUT)
VEN
(2V/Div)
(200µs/Div)
VIN=5V, CIN=1µF,
COUT=1µF, RL=10Ω
VOUT
(2V/Div)
Turn-On Response (VEN vs. VOUT)
VEN
(2V/Div)
(100µs/Div)
VIN=5V, CIN=1µF,
COUT=1µF, RL=10Ω
VOUT
(2V/Div)
Turn-Off Response (VEN vs. VOUT)
VEN
(5V/Div)
(500µs/Div)
VOUT
(5V/Div)
Short-Cicuit Response
VIN=5V, CIN=1µF,
COUT=1µF
VFLAG
(5V/Div)
VEN
(5V/Div)
(500µs/Div)
VOUT
(5V/Div)
Over-Current Response
VIN=5V, CIN=1µF,
COUT=1µF
VFLAG
(5V/Div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com