Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF3035CT Datasheet(PDF) 1 Page - SMC Diode Solutions Co. LTD

Part # MBRF3035CT
Description  MBRF3035CT /MBRF3040CT /MBRF3045CT SCHOTTKY RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

MBRF3035CT Datasheet(HTML) 1 Page - SMC Diode Solutions Co. LTD

  MBRF3035CT Datasheet HTML 1Page - SMC Diode Solutions Co. LTD MBRF3035CT Datasheet HTML 2Page - SMC Diode Solutions Co. LTD MBRF3035CT Datasheet HTML 3Page - SMC Diode Solutions Co. LTD MBRF3035CT Datasheet HTML 4Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data
Data Sheet N0831 Rev. B
 China - Germany - Korea - Singapore - United States 
 http://www.smc-diodes.com - sales@ smc-diodes.com 
MBRF3035CT
MBRF3040CT
MBRF3045CT
MBRF3035CT /MBRF3040CT /MBRF3045CT
SCHOTTKY RECTIFIER
Characteristics
Symbol
Condition
Typ.
Max.
Units
Forward Voltage Drop(Per Leg)*
VF1
@ 15 A, Pulse, TJ = 25 C
@ 30 A, Pulse, TJ = 25 C
0.60
0.8
0.70
0.84
V
VF2
@ 15 A, Pulse, TJ = 125 C
@ 30 A, Pulse, TJ = 125 C
0.55
0.73
0.57
0.75
V
Reverse Current(Per Leg)*
IR1
@VR = rated VR ,TC = 25 C
0.03
1.0
mA
IR2
@VR = rated VR, TC = 125 C
15
100
mA
Junction Capacitance(Per Leg)
CT
@VR = 5V, TC = 25 C
fSIG = 1MHz
300
800
pF
Series Inductance(Per Leg)
LS
Measured lead to lead 5 mm from
package body
7.5
-
nH
Voltage Rate of Change
dv/dt
-
-
10,000
V/s
* Pulse width < 300 µs, duty cycle < 2%
Features
Circuit Diagram
Applications
Maximum Ratings:
Characteristics
Symbol
Condition
Max.
Units
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
-
35 MBRF3035CT
V
40 MBRF3040CT
45 MBRF3045CT
Average Rectified Forward Current
IF (AV)
50% duty cycle @TC =123 °C,
rectangular wave form
15(per leg)
A
30(per device)
Peak One Cycle Non-Repetitive
Surge Current(Per Leg)
IFSM
8.3 ms, half Sine pulse
240
A
Electrical Characteristics:
150C TJ operation
Center tap configuration
Low forward voltage drop
High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
High frequency operation
Guard ring for enhanced ruggedness and long term
reliability
This is a Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request
Switching power supply
Converters
Free-Wheeling diodes
Reverse battery protection
ITO-220AB


Similar Part No. - MBRF3035CT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBRF3035CT VISHAY-MBRF3035CT Datasheet
46Kb / 3P
Dual Schottky Rectifiers
02-Oct-02
logo
Taiwan Semiconductor Co...
MBRF3035CT TSC-MBRF3035CT Datasheet
250Kb / 2P
Isolated 30.0 AMPS. Schottky Barrier Rectifiers
logo
Vishay Siliconix
MBRF3035CT VISHAY-MBRF3035CT Datasheet
499Kb / 5P
Dual Common-Cathode Schottky Rectifier
08-Nov-07
logo
Silicon Standard Corp.
MBRF3035CT SSC-MBRF3035CT Datasheet
285Kb / 5P
Dual Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
MBRF3035CT TSC-MBRF3035CT Datasheet
180Kb / 2P
30.0 AMPS. Isolated Schottky Barrier Rectifiers
More results

Similar Description - MBRF3035CT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com