Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT912E-S20-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UT912E-S20-R
Description  ENCODER FOR REMOTE CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT912E-S20-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UT912E-S20-R Datasheet HTML 1Page - Unisonic Technologies UT912E-S20-R Datasheet HTML 2Page - Unisonic Technologies UT912E-S20-R Datasheet HTML 3Page - Unisonic Technologies UT912E-S20-R Datasheet HTML 4Page - Unisonic Technologies UT912E-S20-R Datasheet HTML 5Page - Unisonic Technologies UT912E-S20-R Datasheet HTML 6Page - Unisonic Technologies UT912E-S20-R Datasheet HTML 7Page - Unisonic Technologies UT912E-S20-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
UT912E
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4
www.unisonic.com.tw
QW-R502-022,B
ABSOLUTE MAXIMUM RATINGS (Ta=25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VDD
-0.3 ~ +13
V
Input Voltage
VIN
Vss-0.3 ~ VDD+0.3
V
Operating Temperature
TOPR
0 ~ +70
℃
Storage Temperature
TSTG
-40 ~ +150
℃
ELECTRICAL CHARACTERISTICS (Ta=25℃, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Operating Voltage
VDD
2.4
5
12
V
VDD=3V
0.1
1
Standby Current
ISTN-BY
Oscillator stops
VDD=12V
2
4
μA
VDD=3V
40
80
Operating Current
IOPR
No load,
Fosc=3kHz
VDD=12V
150
300
μA
VOH=0.9VDD(Source)
-1
-1.6
Output Driver Current
IDOUT
VDD=5V
VOL=0.1VDD (Sink)
1
1.6
mA
High
VIH
0.8VDD
VDD
V
Input Voltage
Low
VIL
0
0.2VDD
V
Oscillator Frequency
fosc
Rosc=1.1MΩ, VDD=5V
3
kHz
TE Pull-high Resistance
RTE
VTE=0V, VDD=5V
1.5
3
MΩ



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com