Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UR132-27-AF5-3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UR132-27-AF5-3-R
Description  200mA LOW DROPOUT LINEAR VOLTAGE REGULATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UR132-27-AF5-3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UR132-27-AF5-3-R Datasheet HTML 1Page - Unisonic Technologies UR132-27-AF5-3-R Datasheet HTML 2Page - Unisonic Technologies UR132-27-AF5-3-R Datasheet HTML 3Page - Unisonic Technologies UR132-27-AF5-3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UR132
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R102-007,G
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATING
UNIT
Input Voltage
VIN
-0.3~12
V
Power Dissipation
PD
300
mW
Junction Temperature
TJ
+125
°C
Operation Temperature
TOPR
-20~+125
°C
Storage Temperature
TSTG
-40~+150
°C
Note: 1.Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2.The device is guaranteed to meet performance specification within 0℃ ~ +70℃ operating temperature
range and assured by design from -20℃ ~ +125℃.
ELECTRICAL CHARACTERISTICS(Ta=25°C, CIN=1µF, COUT=10µF, unless otherwise specified)
FOR VOUT<3.3V (VOUT±2%)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP.
MAX
UNIT
Output Voltage
VOUT
IL=2mA, VIN-VOUT=2V
VOUT×0.98 VOUT VOUT×1.02
V
Output Voltage Temperature Coefficient
TCVO
50
150
PPM/
°C
Line Regulation
VOUT
IL=2mA,
VIN-VOUT=2V~VIN=9V
0.5
%VOUT
Load Regulation (note 2)
VOUT
IL=2mA~200mA,
VIN-VOUT =2V
10
30
mV
Current Limit (note 3)
IL
VIN-VOUT=2V, VOUT=0V
300
mA
Dropout Voltage (note 4,5)
VD
1.5
V
Standby current
ISTN-BY IL=0, VIN=9V
3.0
mA
FOR ADJ and VOUT≧3.3V (VOUT±2%)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP.
MAX
UNIT
Output Voltage
VOUT
IL=2mA, VIN-VOUT=2V
VOUT×0.98 VOUT VOUT×1.02
V
Adjustable (R1=120Ω,R2=200Ω,VOUT=3.3V)
Reference Voltage
VREF
VIN-VOUT=2V, IL=2mA
1.238
1.250
1.262
V
Output Voltage Temperature Coefficient
TCVO
50
150
PPM/
°C
Line Regulation
VOUT
IL=2mA,
VIN-VOUT=2V~VIN=12V
0.5
%VOUT
Load Regulation (note 2)
VOUT
IL=2mA~200mA,
VIN-VOUT=2V
10
30
mV
Current Limit (note 3)
IL
VIN-VOUT=2V, VOUT=0V
300
mA
Dropout Voltage (note 4,5)
VD
1.3
V
Standby current
ISTN-BY IL=0, VIN=12V
5.0
mA
Note 1: Guaranteed by design.
Note 2: Regulation is measured at constant junction temperature, using pulsed on time.
Note 3: Current limit is measured at constant junction temperature, using pulsed on time.
Note 4: Dropout is measured at constant junction temperature, using pulsed on time, and the criterion is VOUT inside
target value
±2%.
Note 5: Dropout test is skipped at the condition of VIN<3V.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com