Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4069-S14-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # CD4069-S14-R
Description  INVERTER CIRCUIT CMOS IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

CD4069-S14-R Datasheet(HTML) 4 Page - Unisonic Technologies

  CD4069-S14-R Datasheet HTML 1Page - Unisonic Technologies CD4069-S14-R Datasheet HTML 2Page - Unisonic Technologies CD4069-S14-R Datasheet HTML 3Page - Unisonic Technologies CD4069-S14-R Datasheet HTML 4Page - Unisonic Technologies CD4069-S14-R Datasheet HTML 5Page - Unisonic Technologies CD4069-S14-R Datasheet HTML 6Page - Unisonic Technologies CD4069-S14-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CD4069
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R502-020,B
AC ELECTRICAL CHARACTERISTICS(Note 1)
(Ta=25℃, CL=50pF, RL=200kΩ, tr and tf ≤ 20 ns, unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Propagation Delay Time from
Input to Output
tPHL or tPLH
VDD=5V
VDD=10V
VDD=15V
50
30
25
90
60
50
ns
Transition Time
tTHL or tTLH
VDD=5V
VDD=10V
VDD=15V
80
50
40
150
100
80
ns
Average Input Capacitance
CIN
Any Gate
6
15
pF
Power Dissipation Capacitance
CPD
Any Gate (Note 3)
12
pF
Note: 1.AC Parameters are guaranteed by DC correlated testing.
2: IOH and IOL are tested one output at a time.
3: CPD determines the no load AC power consumption of any CMOS device.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com