Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTA123E-AE3-6-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # DTA123E-AE3-6-R
Description  DIGITAL TRANSISTORS (BUILT- IN BIAS RESISTORS)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

DTA123E-AE3-6-R Datasheet(HTML) 2 Page - Unisonic Technologies

  DTA123E-AE3-6-R Datasheet HTML 1Page - Unisonic Technologies DTA123E-AE3-6-R Datasheet HTML 2Page - Unisonic Technologies DTA123E-AE3-6-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DTA123E
PNP EPITAXIAL SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R206-086,A
ABSOLUTE MAXIMUM RATINGS (Ta=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-50
V
Input Voltage
VIN
-12 ~ +10
V
Output Current
IOUT
-100
mA
SOT-523
150
mW
Power Dissipation
SOT-23/SOT-323
PD
200
mW
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL SPECIFICATIONS (Ta=25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN(OFF)
VCC =-5V, IOUT =-100µA
-0.5
Input Voltage
VIN(ON)
VOUT =-0.3V, IOUT =-20mA
-3
V
Output Voltage
VOUT(ON) IOUT/IIN =10mA/-0.5mA
-0.1
-0.3
V
Input Current
IIN
VIN=-5V
-3.8
mA
Output Current
IOUT(OFF) VCC =-50V, VIN =0V
-0.5
µA
DC Current Gain
GIN
VOUT =-5V, IOUT =-20mA
20
Input Resistance
R1
1.54
2.2
2.86
KΩ
Resistance Ratio
R2/R1
0.8
1
1.2
Transition Frequency
fT
VCE =-10V, IE =−5mA, f=100MHz *
250
MHz
* Transition frequency of the device



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com