Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM339 Datasheet(PDF) 17 Page - STMicroelectronics

Part # LM339
Description  Low-power quad voltage comparators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM339 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button LM339 Datasheet HTML 11Page - STMicroelectronics LM339 Datasheet HTML 12Page - STMicroelectronics LM339 Datasheet HTML 13Page - STMicroelectronics LM339 Datasheet HTML 14Page - STMicroelectronics LM339 Datasheet HTML 15Page - STMicroelectronics LM339 Datasheet HTML 16Page - STMicroelectronics LM339 Datasheet HTML 17Page - STMicroelectronics LM339 Datasheet HTML 18Page - STMicroelectronics LM339 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
DocID2159 Rev 4
17/19
LM139, LM239, LM339
Ordering information
19
7
Ordering information
Table 7. Order codes
Part number
Temperature
range
Package
Packing
Marking
LM139DT
LM139ADT
-55 °C, +125 °C
SO14
Tape and reel
139
139A
LM139PT
LM139APT
TSSOP14
139
139A
LM239DT
LM239ADT
-40 °C, +105 °C
SO14
239
239A
LM239PT
LM239APT
TSSOP14
239
239A
LM239QT
QFN16 3x3
K550
LM339DT
LM339ADT
0 °C, +70 °C
SO14
339
339A
LM339PT
LM339APT
TSSOP14
339
339A
LM339QT
QFN16 3x3
K551



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com