Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHR801K1 Datasheet(PDF) 5 Page - STMicroelectronics

Part # RHR801K1
Description  Rad-hard very high-speed comparator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHR801K1 Datasheet(HTML) 5 Page - STMicroelectronics

  RHR801K1 Datasheet HTML 1Page - STMicroelectronics RHR801K1 Datasheet HTML 2Page - STMicroelectronics RHR801K1 Datasheet HTML 3Page - STMicroelectronics RHR801K1 Datasheet HTML 4Page - STMicroelectronics RHR801K1 Datasheet HTML 5Page - STMicroelectronics RHR801K1 Datasheet HTML 6Page - STMicroelectronics RHR801K1 Datasheet HTML 7Page - STMicroelectronics RHR801K1 Datasheet HTML 8Page - STMicroelectronics RHR801K1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
RHR801
Electrical characteristics
Symbol
Parameter
Test conditions
Temp.
Min.
Typ.
Max.
Unit
Output characteristics
VOH
Logic "1" voltage
Isource = 3.3 mA
125°C
3.00
3.10
3.30
V
25°C
3.05
3.14
3.30
-55°C
3.10
3.18
3.30
VOL
Logic "0" voltage
Isink = -3.3 mA
125°C
0
200
300
mV
25°C
0
170
250
-55°C
0
150
200
Isink
Output sink current
Vout = VCC+
125°C
14
17
20
mA
25°C
18
20
22
-55°C
19
22
26
Isource
Output source current
Vout = VCC-
125°C
17
20
23
25°C
20
22
25
-55°C
22
25
29
Power supply
ICC-H
High output supply current
No load, VID = 0.1 V
125°C
1.40
1.55
2.10
mA
25°C
1.20
1.44
1.60
-55°C
0.95
1.13
1.30
ICC-L
Low output supply current
No load, VID = -0.1 V
125°C
1.60
1.75
2.3
25°C
1.30
1.63
1.80
-55°C
1.00
1.30
1.50
SVR
Supply voltage rejection ratio
(ΔVCC/ΔVio)
VCC = 3 to 3.6 V, VICM =
1.65 V
125°C
42
65
dB
25°C
55
70
-55°C
45
65
CMRR
Common-mode rejection
ratio (ΔVic/ΔVio)
VICM = 0.5 V to VCC -1.2 V
125°C
50
95
25°C
70
80
-55°C
60
85
Table 5: VCC+ = 5 V, VCC- = 0 V (unless otherwise specified)
Symbol
Parameter
Test conditions
Temp.
Min.
Typ.
Max.
Unit
Input characteristics (see Figure 35)
VIO
Input offset voltage
VICM = VCC/2
125°C
-8.0
8.0
mV
25°C
-7.0
-0.2
7.0
-55°C
-8.0
8.0
VTRIP+
High input threshold
VICM = VCC/2
125°C
-8.0
8.0
25°C
-7.0
1.1
7.0
-55°C
-8.0
8.0
VTRIP-
Low input threshold
VICM = VCC/2
125°C
-8.0
8.0
25°C
-7.0
-1.5
7.0
-55°C
-8.0
8.0
VHYST
Hysteresis
VICM = VCC/2
25°C
1.5
2.5
4.0
DocID026299 Rev 4
5/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com