Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC4932B Datasheet(PDF) 3 Page - STMicroelectronics

Part # STAC4932B
Description  HF/VHF/UHF RF power N-channel MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAC4932B Datasheet(HTML) 3 Page - STMicroelectronics

  STAC4932B Datasheet HTML 1Page - STMicroelectronics STAC4932B Datasheet HTML 2Page - STMicroelectronics STAC4932B Datasheet HTML 3Page - STMicroelectronics STAC4932B Datasheet HTML 4Page - STMicroelectronics STAC4932B Datasheet HTML 5Page - STMicroelectronics STAC4932B Datasheet HTML 6Page - STMicroelectronics STAC4932B Datasheet HTML 7Page - STMicroelectronics STAC4932B Datasheet HTML 8Page - STMicroelectronics STAC4932B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
2
Electrical characteristics
( TCASE= +25 °C, unless otherwise noted)
2.1
Static
Table 4. Static
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage
VGS = 0 V, IDS = 100 mA,
TJ = 150 °C
200
250
V
IDSS
Zero gate voltage drain
leakage current
VGS = 0 V, VDS = 100 V
1
mA
IGSS
Gate-source leakage current
VGS = 20 V, VDS = 0 V
250
nA
VDS(ON)
Drain-source on voltage
VGS = 10 V, ID = 10 A
3.6
V
VTH
Gate-source threshold
voltage
IDS = 250 mA
2
4
V
GFS
Forward transconductance
VDS = 10 V, ID = 2.5 A
6
S
CISS
Input capacitance
VGS = 0 V, VDS = 100 V,
f = 1 MHz
570
pF
COSS
Ouput capacitance
134
pF
CRSS
Reverse transfer capacitance
8
pF
2.2
Dynamic
Table 5. Dynamic (1)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
POUT
Output power
1000
1200
-
W
ŋD
Drain efficiency
POUT = 1000 W
60
-
%
Gps
Power gain
POUT = 1000 W
26
-
dB
1. VDD = 100 V, IDQ = 2 x 250 mA, f = 123 MHz, PW 1ms, DC = 10%
STAC4932B
Electrical characteristics
DS6724 - Rev 8
page 3/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com