Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTA143T-AE3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # DTA143T-AE3-R
Description  DIGITAL TRANSISTORS (BUILT- IN BIAS RESISTORS)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

DTA143T-AE3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  DTA143T-AE3-R Datasheet HTML 1Page - Unisonic Technologies DTA143T-AE3-R Datasheet HTML 2Page - Unisonic Technologies DTA143T-AE3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD.
DTA143T
PNP SILICON TRANSISTOR
www.unisonic.com.tw
1of 3
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R206-058,D
DIGITAL TRANSISTORS
(BUILT- IN BIAS RESISTORS)
FEATURES
* Built-in bias resistors that implies easy ON/OFF applications.
* The bias resistors are thin-film resistors with complete isolation to
allow positive input.
EQUIVALENT CIRCUIT
C
B
E
R1
SOT-23
3
2
1
SOT-323
3
2
1
SOT-523
3
2
1
* Pb-free plating product number: DTA143TL
ORDERING INFORMATION
Order Number
Pin Assignment
Normal
Lead Free Plating
Package
1
2
3
Packing
DTA143T-AE3-R
DTA143TL-AE3-R
SOT-23
E
B
C
Tape Reel
DTA143T-AL3-R
DTA143TL-AL3-R
SOT-323
E
B
C
Tape Reel
DTA143T-AN3-R
DTA143TL-AN3-R
SOT-523
E
B
C
Tape Reel
DTA143TL-AE3-R
(1)Packing Type
(2)Package Type
(3)Lead Plating
(1) R: Tape Reel
(2) AE3: SOT-23, AL3: SOT-323, AN3: SOT-523
(3) L: Lead Free Plating, Blank: Pb/Sn
MARKING
AE3T
A5T
For SOT -23/SOT -323
Package
For SOT -523 Package


Similar Part No. - DTA143T-AE3-R

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DTA143T ONSEMI-DTA143T Datasheet
165Kb / 8P
PNP SILICON BIAS RESISTOR TRANSISTOR
May, 2000 ??Rev. 0
logo
Rohm
DTA143T ROHM-DTA143T Datasheet
704Kb / 9P
DIGITAL TRANSISTOR
DTA143T ROHM-DTA143T Datasheet
878Kb / 3P
DTA/DTC SERIES
logo
Unisonic Technologies
DTA143T UTC-DTA143T Datasheet
149Kb / 3P
DIGITAL TRANSISTORS
logo
Rohm
DTA143T ROHM-DTA143T Datasheet
516Kb / 10P
PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
More results

Similar Description - DTA143T-AE3-R

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA113ZE ROHM-DTA113ZE Datasheet
68Kb / 3P
Digital transistors (built-in resistors)
DTA123EE ROHM-DTA123EE Datasheet
68Kb / 3P
Digital transistors (built-in resistors)
DTA123YE ROHM-DTA123YE Datasheet
68Kb / 3P
Digital transistors (built-in resistors)
DTB123YK ROHM-DTB123YK Datasheet
65Kb / 3P
Digital transistors (built-in resistors)
DTB133HK ROHM-DTB133HK Datasheet
53Kb / 1P
Digital transistors (built-in resistors)
logo
Unisonic Technologies
DTA123E UTC-DTA123E Datasheet
191Kb / 3P
DIGITAL TRANSISTORS (BUILT- IN BIAS RESISTORS)
DTA144E UTC-DTA144E Datasheet
101Kb / 3P
DIGITAL TRANSISTORS (BUILT-IN BIAS RESISTORS)
DTB114E UTC-DTB114E Datasheet
100Kb / 3P
DIGITAL TRANSISTORS (BUILT-IN BIAS RESISTORS)
DTB123Y UTC-DTB123Y Datasheet
90Kb / 3P
DIGITAL TRANSISTORS (BUILT- IN BIAS RESISTORS)
DTA114T UTC-DTA114T Datasheet
160Kb / 3P
DIGITAL TRANSISTORS (BUILT- IN BIAS RESISTORS)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com