Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLD110N10F7 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STLD110N10F7
Description  N-channel 100 V, 5 mΩ typ., 107 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 dual side cooling package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLD110N10F7 Datasheet(HTML) 3 Page - STMicroelectronics

  STLD110N10F7 Datasheet HTML 1Page - STMicroelectronics STLD110N10F7 Datasheet HTML 2Page - STMicroelectronics STLD110N10F7 Datasheet HTML 3Page - STMicroelectronics STLD110N10F7 Datasheet HTML 4Page - STMicroelectronics STLD110N10F7 Datasheet HTML 5Page - STMicroelectronics STLD110N10F7 Datasheet HTML 6Page - STMicroelectronics STLD110N10F7 Datasheet HTML 7Page - STMicroelectronics STLD110N10F7 Datasheet HTML 8Page - STMicroelectronics STLD110N10F7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
2
Electrical characteristics
(TC= 25 °C unless otherwise specified)
Table 3. On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage
VGS = 0 V, ID = 250 μA
100
V
IDSS
Zero gate voltage drain
current
VGS = 0 V, VDS = 100 V
1
µA
VGS = 0 V, VDS = 100 V,
Tj = 125 °C (1)
10
µA
IGSS
Gate body leakage current
VDS = 0 V, VGS = 20 V
100
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250 μA
2.5
4.5
V
RDS(on)
Static drain-source on-
resistance
VGS = 10 V, ID = 10 A
5
6
1. Defined by design, not subject to production test.
Table 4. Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS= 50 V, f = 1 MHz, VGS = 0 V
-
5117
-
pF
Coss
Output capacitance
-
992
-
pF
Crss
Reverse transfer capacitance
-
39
-
pF
Qg
Total gate charge
VDD = 50 V, ID = 21 A,
VGS = 0 to 10 V (see Figure 13. Test
circuit for gate charge behavior)
-
72
-
nC
Qgs
Gate-source charge
-
30
-
nC
Qgd
Gate-drain charge
-
17
-
nC
Table 5. Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VDD = 50 V, ID = 10 A, RG = 4.7 Ω,
VGS = 10 V (see Figure 12. Test
circuit for resistive load switching
times and Figure 17. Switching time
waveform)
-
25
-
ns
tr
Rise time
-
36
-
ns
td(off)
Turn-off delay time
-
52
-
ns
tf
Fall time
-
21
-
ns
STLD110N10F7
Electrical characteristics
DS11930 - Rev 4
page 3/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com