Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTB114E-AL3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # DTB114E-AL3-R
Description  DIGITAL TRANSISTORS (BUILT-IN BIAS RESISTORS)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

DTB114E-AL3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  DTB114E-AL3-R Datasheet HTML 1Page - Unisonic Technologies DTB114E-AL3-R Datasheet HTML 2Page - Unisonic Technologies DTB114E-AL3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
DTB114E
PNP SILICON TRANSISTOR
www.unisonic.com.tw
1 of 3
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R206-042,B
DIGITAL TRANSISTORS
(BUILT-IN BIAS RESISTORS)
FEATURES
* Built-in bias resistors that implies easy ON/OFF applications.
* The bias resistors are thin-film resistors with complete isolation
to allow positive input.
EQUIVALENT CIRCUIT
OUT
GND(+)
OUT
GND(+)
IN
IN
R1
R2
SOT-23
3
2
1
SOT-323
3
2
1
*Pb-free plating product number:DTB114EL
ORDERING INFORMATION
Order Number
Pin Assignment
Normal
Lead Free Plating
Package
1
2
3
Packing
DTB114E-AE3-R
DTB114EL-AE3-R
SOT-23
G
I
O
Tape Reel
DTB114E-AL3-R
DTB114EL-AL3-R
SOT-323
G
I
O
Tape Reel
DTB114EL-AE3-R
(1)Packing Type
(2)Package Type
(1) R: Tape Reel
(2) AE3: SOT-23, AL3: SOT-323
(3)Lead Plating
(3) L: Lead Free Plating, Blank: Pb/Sn
MARKING
BB4


Similar Part No. - DTB114E-AL3-R

ManufacturerPart #DatasheetDescription
logo
Rohm
DTB114E ROHM-DTB114E Datasheet
704Kb / 9P
DIGITAL TRANSISTOR
logo
Unisonic Technologies
DTB114E UTC-DTB114E Datasheet
195Kb / 3P
DIGITAL TRANSISTORS
logo
Cystech Electonics Corp...
DTB114EA3 CYSTEKEC-DTB114EA3 Datasheet
145Kb / 4P
NPN Digital Transistors (Built-in Resistors)
logo
Rohm
DTB114EC ROHM-DTB114EC Datasheet
914Kb / 8P
PNP -500mA -50V Digital Transistor
DTB114ECHZG ROHM-DTB114ECHZG Datasheet
974Kb / 9P
PNP -500mA -50V Digital Transistor (Bias Resistor Built-in Transistor)
More results

Similar Description - DTB114E-AL3-R

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA113ZE ROHM-DTA113ZE Datasheet
68Kb / 3P
Digital transistors (built-in resistors)
DTA123EE ROHM-DTA123EE Datasheet
68Kb / 3P
Digital transistors (built-in resistors)
DTA123YE ROHM-DTA123YE Datasheet
68Kb / 3P
Digital transistors (built-in resistors)
DTB123YK ROHM-DTB123YK Datasheet
65Kb / 3P
Digital transistors (built-in resistors)
DTB133HK ROHM-DTB133HK Datasheet
53Kb / 1P
Digital transistors (built-in resistors)
logo
Unisonic Technologies
DTA123E UTC-DTA123E Datasheet
191Kb / 3P
DIGITAL TRANSISTORS (BUILT- IN BIAS RESISTORS)
DTA143T UTC-DTA143T Datasheet
49Kb / 3P
DIGITAL TRANSISTORS (BUILT- IN BIAS RESISTORS)
DTA144E UTC-DTA144E Datasheet
101Kb / 3P
DIGITAL TRANSISTORS (BUILT-IN BIAS RESISTORS)
DTB123Y UTC-DTB123Y Datasheet
90Kb / 3P
DIGITAL TRANSISTORS (BUILT- IN BIAS RESISTORS)
DTA114T UTC-DTA114T Datasheet
160Kb / 3P
DIGITAL TRANSISTORS (BUILT- IN BIAS RESISTORS)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com