Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTC143Z-AE3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # DTC143Z-AE3-R
Description  NPN DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

DTC143Z-AE3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  DTC143Z-AE3-R Datasheet HTML 1Page - Unisonic Technologies DTC143Z-AE3-R Datasheet HTML 2Page - Unisonic Technologies DTC143Z-AE3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
DTC143Z
NPN SILICON TRANSISTOR
www.unisonic.com.tw
1 of 3
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R206-077,B
NPN DIGITAL TRANSISTOR
(BUILT-IN RESISTORS)
FEATURES
* Built-in bias resistors that implies easy ON/OFF applications.
* The bias resistors are thin-film resistors with complete isolation to
allow negative input.
EQUIVALENT CIRCUIT
OUT
GND
OUT
GND
IN
IN
R1
R2
SOT-23
3
2
1
SOT-323
3
2
1
SOT-523
3
2 1
TO-92SP
1
TO-92
1
*Pb-free plating product number: DTC143ZL
ORDERING INFORMATION
Order Number
Pin Assignment
Normal
Lead Free Plating
Package
1
2
3
Packing
DTC143Z-AE3-R
DTC143ZL-AE3-R
SOT-23
G
I
O
Tape Reel
DTC143Z-AL3-R
DTC143ZL-AL3-R
SOT-323
G
I
O
Tape Reel
DTC143Z-AN3-R
DTC143ZL-AN3-R
SOT-523
G
I
O
Tape Reel
DTC143Z-T92-B
DTC143ZL-T92-B
TO-92
G
O
I
Tape Box
DTC143Z-T92-K
DTC143ZL-T92-K
TO-92
G
O
I
Bulk
DTC143Z-T92-R
DTC143ZL-T92-R
TO-92
G
O
I
Tape Reel
DTC143Z-T9S-K
DTC143ZL-T9S-K
TO-92SP
G
O
I
Bulk
DTC143ZL-AE3-R
(1)Packing Type
(2)Package Type
(1) B: Tape Box, K: Bulk, R: Tape Reel
(2) AE3: SOT-23, AL3: SOT-323, AN3: SOT-523,
T 92: TO-92, T9S: TO-92SP
(3)Lead Plating
(3) L: Lead Free Plating, Blank: Pb/Sn
MARKING
CE3Z
C5Z
For SOT-23/SOT-323 Package
For SOT-523 Package


Similar Part No. - DTC143Z-AE3-R

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DTC143Z ONSEMI-DTC143Z Datasheet
151Kb / 12P
NPN SILICON BIAS RESISTOR TRANSISTOR
May, 2000 ??Rev. 0
logo
Rohm
DTC143Z ROHM-DTC143Z Datasheet
704Kb / 9P
DIGITAL TRANSISTOR
logo
Unisonic Technologies
DTC143Z UTC-DTC143Z Datasheet
150Kb / 3P
NPN DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
logo
Rohm
DTC143Z ROHM-DTC143Z Datasheet
3Mb / 12P
NPN 100mA 50V Digital Transistors
logo
First Silicon Co., Ltd
DTC143Z FS-DTC143Z Datasheet
235Kb / 2P
Bias Resistor Transistor
More results

Similar Description - DTC143Z-AE3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114E UTC-DTC114E Datasheet
114Kb / 2P
NPN DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
DTC114Y UTC-DTC114Y Datasheet
113Kb / 2P
NPN DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
DTC115E UTC-DTC115E Datasheet
178Kb / 2P
NPN DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
DTC123J UTC-DTC123J Datasheet
113Kb / 2P
NPN DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
DTC123Y UTC-DTC123Y Datasheet
104Kb / 2P
NPN DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
DTC124E UTC-DTC124E Datasheet
111Kb / 3P
NPN DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
DTC143E UTC-DTC143E Datasheet
152Kb / 3P
NPN DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
DTC143X UTC-DTC143X Datasheet
114Kb / 2P
NPN DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
DTC143X UTC-DTC143X_11 Datasheet
111Kb / 2P
NPN DIGITAL TRANSISTOR BUILT-IN RESISTORS)
DTC143Z UTC-DTC143Z_11 Datasheet
150Kb / 3P
NPN DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com