Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UR132-15-AF5-5-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UR132-15-AF5-5-R
Description  200mA LOW DROPOUT LINEAR VOLTAGE REGULATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UR132-15-AF5-5-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UR132-15-AF5-5-R Datasheet HTML 1Page - Unisonic Technologies UR132-15-AF5-5-R Datasheet HTML 2Page - Unisonic Technologies UR132-15-AF5-5-R Datasheet HTML 3Page - Unisonic Technologies UR132-15-AF5-5-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
UR132
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 4
www.unisonic.com.tw
QW-R102-007,G
TYPICAL APPLICATION CIRCUIT
UTC
UR132
VOUT
VIN
VOUT
VIN
10μF
COUT
+
1μF
CIN
+
GND
The part may oscillate without the capacitor, a 10
µF (or larger) capacitor is recommended between VOUT and GND
for stability. Any type of capacitor can be used, but not Aluminum electrolytic when operating below -20
°C. The
capacitance may be increased without limit. Besides, another 1
µF capacitor (or larger) should be placed between VIN
to GND.
UR132 ADJUSTABLE
UTC
UR132
+
+
VREF
R1
R2
10uF
1uF
VOUT
VIN
10uF
Cr
Cr:10uF to improve ripple rejection
VOUT=VREF(1+R2/R1)+IADJ*R2
IADJ
+
VIN
VOUT
ADJ
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com